Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 29Page - STMicroelectronics ST25R3911B Datasheet HTML 30Page - STMicroelectronics ST25R3911B Datasheet HTML 31Page - STMicroelectronics ST25R3911B Datasheet HTML 32Page - STMicroelectronics ST25R3911B Datasheet HTML 33Page - STMicroelectronics ST25R3911B Datasheet HTML 34Page - STMicroelectronics ST25R3911B Datasheet HTML 35Page - STMicroelectronics ST25R3911B Datasheet HTML 36Page - STMicroelectronics ST25R3911B Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 116 page
background image
Adjust regulators
When this command is sent the power supply level of VDD is measured in maximum load conditions and the
regulated voltage reference is set 250 mV below this measured level to ensure maximum possible stable
regulated supply (see Section 1.2.11 Power supply system). The use of this command increases the system
PSSR.
At the beginning of execution of the command, both the receiver and transmitter are switched on to have the
maximum current consumption, and the regulators are set to their maximum regulated voltage (5.1 V in case of 5
V supply and 3.4 V in case of 3.3 V supply). After 300 μs VSP_RF is compared to VDD, if is not at least 250 mV
lower the regulator setting is reduced by one step (120 mV in case of 5 V supply and 100 mV in case of 3.3 V
supply) and measurement is done after another 300 μs. The procedure is repeated until VSP_RF drops at least
250 mV below VDD, or until the minimum regulated voltage (3.9 V in case of 5 V supply and 2.4 V in case of 3.3 V
supply) is reached.
Duration time: 5 ms max.
This command is accepted if en (bit 7 of the Operation control register) is set and Xtal oscillator frequency is
stable.
This command is not accepted when the external definition of the regulated voltage is selected in the Regulator
voltage control register(bit reg_s is set to H).
Direct command chaining is not possible.
IRQ due to termination of direct command is produced after command execution is terminated.
Calibrate modulation depth
Starts a sequence that activates the transmission, measures the modulation depth and adapts it to comply with
the modulation depth specified in the AM modulation depth control register. When calibration procedure is
finished result is displayed in the same register. Refer to Section 1.2.20 AM modulation depth: definition and
calibration for details about setting the AM modulation depth and running this command.
Duration time: 275 μs max.
This command is accepted when en (bit 7 of the Operation control register) is set and Xtal oscillator frequency is
stable.
Direct command chaining is not possible.
IRQ due to termination of direct command is produced after command execution is terminated.
Calibrate antenna
Sending this command starts a sequence that adjusts the parallel capacitances connected to TRIMx_y pins so
that the antenna LC tank is in resonance. See Section 1.2.21 Antenna tuning for details.
Duration time: 250 μs max.
This command is accepted when en (bit 7 of the Operation control register) is set and Xtal oscillator frequency is
stable.
Measure phase
This command measures the phase difference between the signals on the RFO outputs and the signals on the
RFI inputs and stores the result in the A/D converter output register.
During execution of the direct command Measure Phase the transmitter and Phase Detector are enabled, the
Phase Detector output is multiplexed on the input of A/ D converter, which is set in relative mode. Since the A/D
converter range is from 1/6 VSP_A to 5/6 VSP_A the actual phase detector range is from 30º to 150º. Values
below 30º result in FFh, while values above 150º result in 00h. One LSB of the A/D conversion output represents
0.13% of carrier frequency period (0.468°). The result of A/D conversion is in case of 90º phase shift in the middle
of range (1000 0000b or 0111 1111b). A value higher than 1000 0000b means that phase detector output voltage
is higher than VSP_A/2, which corresponds to case with phase shift lower than 90º. In the opposite case, when the
phase shift is higher than 90º, the result of A/D conversion is lower than 0111 1111b. For example, the phase
difference of 135º shown in Figure 7 results in 0.75 VSP_A, result stored in A/D converter is 31d (1Fh).
The phase measurement result can be calculating using the following formulas:
ST25R3911B
Application information
DS11793 - Rev 6
page 33/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com