Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 14Page - STMicroelectronics ST25R3911B Datasheet HTML 15Page - STMicroelectronics ST25R3911B Datasheet HTML 16Page - STMicroelectronics ST25R3911B Datasheet HTML 17Page - STMicroelectronics ST25R3911B Datasheet HTML 18Page - STMicroelectronics ST25R3911B Datasheet HTML 19Page - STMicroelectronics ST25R3911B Datasheet HTML 20Page - STMicroelectronics ST25R3911B Datasheet HTML 21Page - STMicroelectronics ST25R3911B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 116 page
background image
Pins
Recommended capacitors
VSP_A-VSN_A
2.2 μF, in parallel with 10 nF
VSP_D-VSN_D
2.2 μF, in parallel with 10 nF
VSP_RF-VSN_RF
2.2 μF, in parallel with 10 nF
Regulators have two basic operation modes depending on supply voltage, 3.3 V supply mode (max 3.6 V) and 5
V supply mode (max 5.5 V). The supply mode is set by writing bit sup3 V in the IO configuration register 2. Default
setting is 5 V, hence this bit has to be set to 1 after power-up in case of 3.3 V supply.
In 3.3 V mode all regulators are set to the same regulated voltage in range from 2.4 V to 3.4 V, while in 5 V only
the VSP_RF can be set in range from 3.9 V to 5.1 V, while VSP_A and VSP_D are fixed to 3.4 V.
The regulators are operating when signal en is high (en is configuration bit in Operation control register. When
signal en is low the ST25R3911B is in low power Power-down mode. In this mode consumption of the power
supply system is also minimized.
VSP_RF regulator
The intention of this regulator is to improve PSRR of the transmitter (the noise of the transmitter power supply is
emitted and fed back to the receiver). The VSP_RF regulator operation is controlled and observed by writing and
reading two regulator registers:
•
Regulator voltage control register controls the regulator mode and regulated voltage. Bit reg_s controls
regulator mode. In case it is set to 0 (default state) the regulated voltage is set using direct command Adjust
Regulators. When bit reg_s is asserted to 1 regulated voltage is defined by bits rege_3 to rege_1 of the
same register. The regulated voltage adjustment range depends on the power supply mode. In case of 5 V
supply mode the adjustment range is between 3.9 V and 5.1 V in steps of 120 mV, in case of 3.3 V supply
mode the adjustment range is from 2.4 V to 3.4 V with steps of 100 mV. Default regulated voltage is the
maximum one (5.1 V and 3.4 V in case of 5 V and 3.3 V supply mode respectively).
•
Regulator and Timer Display register is a read only register that displays actual regulated voltage when
regulator is operating. It is especially useful in case of automatic mode, since the actual regulated voltage,
which is the result of direct command Adjust Regulators, can be observed.
The VSP_RF regulator also includes a current limiter that limits the regulator typically to current of 200 mArms in
normal operation (500 mA in case of short). In case the transmitter output current higher the 200 mArms is
required, VSP_RF regulator cannot be used to supply the transmitter, VSP_RF has to be externally connected to
VDD (connection of VSP_RF to supply voltage higher than VDD is not allowed).
The voltage drop of the transmitter current is the main source of the ST25R3911B power dissipation. This voltage
drop is composed of drop in the transmitter driver and in the drop on VSP_RF regulator. Due to this it is
recommended to set regulated voltage using direct command Adjust Regulators. It results in good power supply
rejection ration with relatively low dissipated power due to regulator voltage drop.
In power
‑down mode the VSP_RF regulator is not operating.
VSP_RF pin is connected to VDD through 1 kΩ resistor.
Connection through resistors ensures smooth power-up of the system and a smooth transition from power
‑down
mode to other operating modes.
VSP_A and VSP_D regulators
VSP_A and VSP_D regulators are used to supply the ST25R3911B analog and digital blocks, respectively.
In 3.3 V mode, VSP_A and VSP_D regulator are set to the same regulated voltage as the VSP_RF regulator, in 5
V mode VSP_A and VSP_D regulated voltage is fixed to 3.4 V.
The use of VSP_A and VSP_D regulators is obligatory in 5 V mode since analog and digital blocks supplied with
these two pins contain low voltage transistors that support maximum supply voltage of 3.6 V. In 3.3 V supply
mode the use of regulators is strongly recommended in order to improve PSRR of analog processing.
For low cost applications it is possible to disable the VSP_D regulator and to supply digital blocks through
external short between VSP_A and VSP_D (configuration bit vspd_off in the I/O Configuration register 2. In case
VSP_D regulator is disabled VSP_D can alternatively be supplied from VDD (in 3.3 V mode only) in case VSP_A
is not more than 300 mV lower than VDD.
ST25R3911B
Application information
DS11793 - Rev 6
page 18/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com