Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 10Page - STMicroelectronics ST25R3911B Datasheet HTML 11Page - STMicroelectronics ST25R3911B Datasheet HTML 12Page - STMicroelectronics ST25R3911B Datasheet HTML 13Page - STMicroelectronics ST25R3911B Datasheet HTML 14Page - STMicroelectronics ST25R3911B Datasheet HTML 15Page - STMicroelectronics ST25R3911B Datasheet HTML 16Page - STMicroelectronics ST25R3911B Datasheet HTML 17Page - STMicroelectronics ST25R3911B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 116 page
background image
Mask receive timer
The mask receive timer is blocking the receiver and reception process in framing logic by keeping the rx_on
signal low after the end of Tx during the time the tag reply is not expected.
While the mask receive timer is running, the Squelch is automatically turned on (if enabled). mask receive timer
does not produce an IRQ.
The mask receive timer timeout is configured in the Mask receive timer register.
In the NFCIP-1 active communication mode the mask receive timer is started when the peer NFC device (a
device with whom communication is going on) switches on its field.
The mask receive timer has a special use in the low power Initial NFC Target Mode. After the initiator field has
been detected the controller turns on the oscillator, regulator and receiver. mask receive timer is started by
sending direct command Start mask receive Timer. After the mask receive Timer expires the receiver output starts
to be observed to detect start of the initiator message. In this mode the mask receive timer clock is additionally
divided by eight it (one count is 512/fc) to cover range up to about 9.6 ms.
No-response timer
As its name indicates, this timer is intended to observe whether a tag response is detected in a configured time
started by end of transmission. The I_nre flag in the Timer and NFC interrupt register is signaling interrupt events
resulting from this timer timeout.
The no-response timer is configured by writing the two registers No-response timer register 1 and No-response
timer register 2. Operation options of the no-response timer are defined by setting bits nrt_emv and nrt_step in the
General purpose and no-response timer control register.
Bit nrt_step configures the time step of the no-response timer. Two steps are available, 64/fc (4.72 μs) to cover
range up to 309 ms, and 4096/fc, covering the range up to 19.8 s.
Bit nrt_emv controls the timer operation mode:
•
When this bit is set to 0 (default mode) the IRQ is produced in case the no-response timer expires before a
start of a tag reply is detected and rx_on is forced to low to stop receiver process. In the opposite case,
when start of a tag reply is detected before timeout, the timer is stopped, and no IRQ is produced.
•
When this bit is set to 1 the timer unconditionally produces an IRQ when it expires, it is also not stopped by
direct command Clear. This means that IRQ is independent of the fact whether or not a tag reply was
detected. In case at the moment of timeout a tag reply is being processed no other action is taken, in the
opposite case, when no tag response is being processed additionally the signal rx_on is forced to low to stop
receive process.
The no-response timer can also be started using direct command Start no-response timer. The intention of this
command is to extend the no-response timer timeout beyond the range defined in the no-response timer control
registers. In case this command is sent while the timer is running, it is reset and restarted. In NFCIP-1 active
communication mode the no-response timer cannot be started using the direct command.
In case this timer expires before the peer NFC device (a device with whom communication is going on) switches
on its field an interrupt is sent.
In all modes, where timer is set to nonzero value, it is a must that M_txe is not set and interrupt I_txe is read via
SPI for synchronization between transmitter and timer.
General purpose timer
The triggering of the general purpose timer is configured by setting the General purpose and no-response timer
control register. It can be used to survey the duration of the reception process (triggering by start of reception,
after SOF) or to time out the PCD to PICC response time (triggered by end of reception, after EOF). In the
NFCIP-1 active communication mode it is used to timeout the field switching off. In all cases an IRQ is sent when
it expires.
The general purpose timer can also be started by sending the direct command Start general purpose timer. In
case this command is sent while the timer is running, it is reset and restarted.
ST25R3911B
Application information
DS11793 - Rev 6
page 14/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com