Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 27Page - STMicroelectronics ST25R3911B Datasheet HTML 28Page - STMicroelectronics ST25R3911B Datasheet HTML 29Page - STMicroelectronics ST25R3911B Datasheet HTML 30Page - STMicroelectronics ST25R3911B Datasheet HTML 31Page - STMicroelectronics ST25R3911B Datasheet HTML 32Page - STMicroelectronics ST25R3911B Datasheet HTML 33Page - STMicroelectronics ST25R3911B Datasheet HTML 34Page - STMicroelectronics ST25R3911B Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 116 page
background image
Table 11. Register preset bits
Bit
Bit name
Function
Address 02h: Table 21. Operation control register
5
rx_chn
1: one channel enabled → NFCIP-1 active communication (both initiator and
target)
3
tx_en
0: disable TX operation → NFCIP-1 active communication (both initiator and
target)
Note:
In case of any target mode or NFCIP-1 initiator mode bit tx_en is set to 0 to disable transmitter
in case it was enabled. In NFCIP-1 mode the switching on of the transmitter field is controlled by
dedicated commands.
Address 05h: Table 27. ISO14443A and NFC 106kb/s settings register
5
nfc_f0
1: Adds SB (F0) and LEN byte during Tx and skip SB (F0) byte during
TX → NFCIP-1 active communication (both initiator and target)
Address 09h: Table 35. Auxiliary definition register
5
tr_am
Tx Modulation type (depends on mode definition and Tx bit rate)
0: OOK → ISO144443A, NFCIP-1 106 kb/s (both initiator and target), NFC Forum
Type 1 Tag
1: AM → ISO144443B, FeliCa™, NFCIP-1 212 kb/s and 424 kb/s
4
en_fd
Enables External Field Detector with Peer Detection threshold
0: All modes except NFCIP-1 active communication
1: NFCIP-1 active communication (both initiator and target)
Address 0Ah: Table 36. Receiver configuration register 1
7
ch_sel
0: Enables AM channel → NFCIP-1 active communication (both initiator and
target)
6
amd_sel
AM demodulator select (depend on Rx bit rate)
0: Peak detector → All Rx bit rates equal or below fc/16 (848 kb/s)
1: Mixer → All VHBR Rx bit rates (fc/8 and fc/4)
5
lp2
Low pass control (depends on mode definition and Rx bit rate), see
Table 3. Receiver filter selection and gain range
4
lp1
3
lp0
2
h200
First and third stage zero setting (depends on mode definition and Rx bit rate), see
Table 3. Receiver filter selection and gain range
1
h80
0
z12k
Address 0Ch: Table 38. Receiver configuration register 3
1
lim
Clips output of 1st and 2nd stage
0: All modes except NFCIP-1 active communication
1: NFCIP-1 active communication (both initiator and target)
0
rg_nfc
Forces gain reduction in 2nd and 3rd gain stage
0: All modes except NFCIP-1 active communication
1: NFCIP-1 active communication (both initiator and target)
ST25R3911B
Application information
DS11793 - Rev 6
page 31/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com