Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 89Page - STMicroelectronics ST25R3911B Datasheet HTML 90Page - STMicroelectronics ST25R3911B Datasheet HTML 91Page - STMicroelectronics ST25R3911B Datasheet HTML 92Page - STMicroelectronics ST25R3911B Datasheet HTML 93Page - STMicroelectronics ST25R3911B Datasheet HTML 94Page - STMicroelectronics ST25R3911B Datasheet HTML 95Page - STMicroelectronics ST25R3911B Datasheet HTML 96Page - STMicroelectronics ST25R3911B Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 116 page
background image
1.3.58
Capacitance measurement configuration register
Address: 3Ah
Type: RW
Table 89. Capacitance measurement configuration register
Bit
Name
Default
Function
Comments(1)
7
cm_d3
0
Definition of Δcm (difference to reference that triggers
interrupt)
-
6
cm_d2
0
5
cm_d1
0
4
cm_d0
0
3
cm_aam
0
0: Exclude the IRQ measurement
1: Include the IRQ measurement
Include/exclude the measurement that
causes IRQ (having difference > Δcm to
reference) in auto-averaging
2
cm_aew1
0
00: 4
01: 8
10: 16
11: 32
Define weight of last measurement
result for auto-averaging
1
cm_aew0
0
0
cm_ae
0
0: Use Capacitance measurement reference register
1: Use capacitance measurement auto-averaging as
reference
Select reference value for capacitance
measurement Wake-Up mode
1. Default setting takes place at power-up and after set default command.
1.3.59
Capacitance measurement reference register
Address: 3Bh
Type: RW
Table 90. Capacitance measurement reference register
Bit
Name
Default
Function
Comments(1)
7
cm_ref7
0
-
-
6
cm_ref6
0
-
-
5
cm_ref5
0
-
-
4
cm_ref4
0
-
-
3
cm_ref3
0
-
-
2
cm_ref2
0
-
-
1
cm_ref1
0
-
-
0
cm_ref0
0
-
-
1. Default setting takes place at power-up and after set default command
ST25R3911B
Registers
DS11793 - Rev 6
page 93/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com