Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 15Page - STMicroelectronics ST25R3911B Datasheet HTML 16Page - STMicroelectronics ST25R3911B Datasheet HTML 17Page - STMicroelectronics ST25R3911B Datasheet HTML 18Page - STMicroelectronics ST25R3911B Datasheet HTML 19Page - STMicroelectronics ST25R3911B Datasheet HTML 20Page - STMicroelectronics ST25R3911B Datasheet HTML 21Page - STMicroelectronics ST25R3911B Datasheet HTML 22Page - STMicroelectronics ST25R3911B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 116 page
background image
Power-down support block
In the Power-down mode the regulators are disabled in order to save current. In this mode a low power
power
‑down support block that maintains the VSP_D and VSP_A in below 3.6 V is enabled. Typical regulated
voltage in this mode is 3.1 V at 5 V supply and 2.2 V at 3 V supply. When 3.3 V supply mode is set the Power-
down support block is disabled, its output is connected to VDD through 1 kΩ resistor.
Typical consumption of Power-down support block is 600 nA at 5 V supply.
Measurement of supply voltages
Using direct command Measure Power Supply it is possible to measure VDD and regulated voltages VSP_A,
VSP_D, and VSP_RF.
1.2.12
Communication with an external microcontroller
The ST25R3911B is a slave device and the external microcontroller initiates all communication. Communication is
performed by a 4-wire Serial Peripheral Interface (SPI). The ST25R3911B sends an interrupt request (pin IRQ) to
the microcontroller, which can use clock signal available on pin MCU_CLK when the oscillator is running.
Serial Peripheral Interface (SPI)
While signal /SS is high the SPI interface is in reset, while it is low the SPI is enabled. It is recommended to
keep /SS high whenever the SPI is not in use. MOSI is sampled at the falling edge of SCLK. All communication is
done in blocks of 8 bits (bytes). First two bits of first byte transmitted after high to low transition of /SS define SPI
operation mode.
Table 5. Serial data interface (4-wire interface) signal lines
Name
Signal
Signal level
Description
/SS
Digital input
CMOS
SPI Enable (active low)
MOSI
Digital input
Serial data input
MISO
Digital output with tristate
Serial data output
SCLK
Digital input
Clock for serial communication
MSB bit is always transmitted first (valid for address and data).
Read and Write modes support address auto-incrementing. This means that if some additional data bytes are
sent/read after the address and first data byte, they are written to/read from addresses incremented by ‘1’.
Figure 9 defines possible modes.
ST25R3911B
Application information
DS11793 - Rev 6
page 19/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com