Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 2Page - STMicroelectronics ST25R3911B Datasheet HTML 3Page - STMicroelectronics ST25R3911B Datasheet HTML 4Page - STMicroelectronics ST25R3911B Datasheet HTML 5Page - STMicroelectronics ST25R3911B Datasheet HTML 6Page - STMicroelectronics ST25R3911B Datasheet HTML 7Page - STMicroelectronics ST25R3911B Datasheet HTML 8Page - STMicroelectronics ST25R3911B Datasheet HTML 9Page - STMicroelectronics ST25R3911B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
1.2.1
Operating modes
The ST25R3911B operating mode is defined by the contents of the Operation control register.
At power-up all bits of the Operation control register are set to 0, the ST25R3911B is in Power-down mode. In this
mode AFE static power consumption is minimized, only the POR and part of the bias are active, while the
regulators are transparent and are not operating. The SPI is still functional in this mode so all settings of ISO
mode definition and configuration registers can be done.
Control bit en (bit 7 of the Operation control register) is controlling the quartz crystal oscillator and regulators.
When this bit is set, the device enters in Ready mode. In this mode the quartz crystal oscillator and regulators are
enabled. An interrupt is sent to inform the microcontroller when the oscillator frequency is stable.
Enable of receiver and transmitter are separated so it is possible to operate one without switching on the other
(control bits rx_en and tx_en). In some cases this may be useful, if the reader field has to be maintained and there
is no transponder response expected, the receiver can be switched-off to save current. Another example is the
NFCIP-1 active communication receive mode in which the RF field is generated by the initiator and only the
receiver operates.
Asserting the Operation control register bit wu while the other bits are set to 0 puts the ST25R3911B into the
Wake-Up mode that is used to perform low power detection of card presence. In this mode the low power RC
oscillator and register configurable Wake-Up timer are used to schedule periodic measurement(s). When a
difference of the measured value vs. the predefined reference is detected an interrupt is sent to wake-up the
microcontroller.
1.2.2
Transmitter
The transmitter contains two identical push-pull driver blocks connected to the pins RFO1 and RFO2. These
drivers are differentially driving the external antenna LC tank. It is also possible to operate only one of the two
drivers by setting the IO configuration register 1 bit single to 1. Each driver is composed of eight segments having
binary weighted output resistance. The MSB segment typical ON resistance is 2 Ω, when all segments are turned
on; the output resistance is typically 1 Ω. All segments are turned on to define the normal transmission (non-
modulated) level. It is also possible to switch off certain segments when driving the non-modulated level to reduce
the amplitude of the signal on the antenna and/or to reduce the antenna Q factor without making any hardware
changes. The RFO normal level definition register defines which segments are turned on to define the normal
transmission (non-modulated) level. Default setting is that all segments are turned on.
Using the single driver mode the number of the antenna LC tank components (and therefore the cost) is halved,
but also the output power is reduced. In single mode it is possible to connect two antenna LC tanks to the two
RFO outputs and multiplex between them by controlling the IO configuration register 1 bit rfo2.
In order to transmit the data the transmitter output level needs to be modulated. Both AM and OOK modulation
are supported. The type of modulation is defined by setting the bit tr_am in the Auxiliary definition register.
During the OOK modulation (for example ISO14443A) the transmitter drivers stop driving the carrier frequency. As
consequence the amplitude of the antenna LC tank oscillation decays, the time constant of the decay is defined
with the LC tank Q factor. The decay time in case of OOK modulation can be shortened by asserting the Auxiliary
definition register bit ook_hr. When this bit is set to logic one the drivers are put in tristate during the OOK
modulation.
AM modulation (for example ISO14443B) is done by increasing the output driver impedance during the
modulation time. This is done by reducing the number of driver segments that are turned on. The AM modulated
level can be automatically adjusted to the target modulation depth by defining the target modulation depth in the
AM modulation depth: definition and calibration and sending the Calibrate Modulation Depth direct command.
Refer to Section 1.2.20 AM modulation depth: definition and calibration for further details.
Slow transmitter ramping
When the transmitter is enabled it starts to drive the antenna LC tank with full power, the ramping of the field
emitted by antenna is defined by antenna LC tank Q factor.
However there are some reader systems where the reader field has to ramp up with a longer transition time when
it is enabled. The STIF (Syndicat des transports d'Ile de France) specification requires a transition time from 10%
to 90% of field longer than or equal to 10 μs.The ST25R3911B supports that feature. It is realized by collapsing
VSP_RF regulated voltage when transmitter is disabled and ramping it when transmitter is enabled. Typical
transition time is 15 μs at 3 V supply and 20 μs at 5 V supply.
Procedure to implement the slow transition:
1.
When transmitter is disabled set IO configuration register 2 bit slow_up to 1. Keep this state for at least 2 ms
to allow discharge of VSP_RF.
ST25R3911B
Application information
DS11793 - Rev 6
page 6/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com