Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 28Page - STMicroelectronics ST25R3911B Datasheet HTML 29Page - STMicroelectronics ST25R3911B Datasheet HTML 30Page - STMicroelectronics ST25R3911B Datasheet HTML 31Page - STMicroelectronics ST25R3911B Datasheet HTML 32Page - STMicroelectronics ST25R3911B Datasheet HTML 33Page - STMicroelectronics ST25R3911B Datasheet HTML 34Page - STMicroelectronics ST25R3911B Datasheet HTML 35Page - STMicroelectronics ST25R3911B Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 116 page
background image
Mask receive data and Unmask receive data
After the direct command mask receive data the signal rx_on that enables the RSSI and AGC operation of the
receiver (see Section 1.1.2 Receiver) is forced to low, processing of the receiver output by the receive data
framing block is disabled. This command is useful to mask receiver and receive framing from processing the data
when there is actually no input and only a noise would be processed (for example in case where a transponder
processing time after receiving a command from the reader is long). Masking of receive is also possible using
Mask Receive timer. Actual masking is a logical or of the two mask receive processes.
The direct command unmask receive data is enabling normal processing of the received data (signal rx_on is set
high to enable the RSSI and AGC operation), the receive data framing block is enabled. A common use of this
command is to enable again the receiver operation after it was masked by the command mask receive data. In
case Mask Receive timer is running while command unmask receive data is received, reception is enabled, Mask
Receive timer is reset.
The commands mask receive data and unmask receive data are only accepted when the receiver is enabled (bit
rx_en is set).
Direct command chaining is possible.
IRQ due to termination of direct command is not produced.
Measure amplitude
This command measures the amplitude on the RFI inputs and stores the result in the A/D converter output
register.
When this command is executed the transmitter and Amplitude Detector are enabled, the output of the Amplitude
Detector is multiplexed to the A/D converter input (the A/D converter is in absolute mode). The Amplitude
Detector conversion gain is 0.6 VINPP/ VOUT. One LSB of the A/D converter output represents 13.02 mVpp on the
RFI inputs. A 3 Vpp signal (the maximum allowed level on each of the two RFI inputs), results in 1.8 V output DC
voltage and will produce a value of 1110 0110b on the A/D converter output.
Duration time: 25 μs max.
This command is accepted in case en (bit 7 of the Operation control register) is set and Xtal oscillator frequency is
stable.
Direct command chaining is not possible.
IRQ due to termination of direct command is produced after command execution is terminated.
Squelch
This direct command is intended to avoid demodulation problems of transponders that produce a lot of noise
during data processing. It can also be used in a noisy environment. The operation of this command is explained in
Squelch.
Duration time: 500 μs max.
This command is only accepted when the transmitter and the receiver are operating. Command is actually
executed only in case signal rx_on is low.
Direct command chaining is not possible.
IRQ due to termination of direct command is not produced.
Reset Rx gain
This command initializes the AGC, Squelch and RSSI block. Sending this command stops a squelch process in
case it is going on, clears the current Squelch setting and loads the manual gain reduction from Receiver
configuration register 4.
This command is accepted in case en (bit 7 of the Operation control register) is set and Xtal oscillator frequency is
stable.
Direct command chaining is possible.
IRQ due to termination of direct command is not produced.
ST25R3911B
Application information
DS11793 - Rev 6
page 32/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com