Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 78Page - STMicroelectronics ST25R3911B Datasheet HTML 79Page - STMicroelectronics ST25R3911B Datasheet HTML 80Page - STMicroelectronics ST25R3911B Datasheet HTML 81Page - STMicroelectronics ST25R3911B Datasheet HTML 82Page - STMicroelectronics ST25R3911B Datasheet HTML 83Page - STMicroelectronics ST25R3911B Datasheet HTML 84Page - STMicroelectronics ST25R3911B Datasheet HTML 85Page - STMicroelectronics ST25R3911B Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 116 page
background image
1.3.41
External field detector threshold register
Address: 29h
Type: RW
Table 67. External field detector threshold register
Bit
Name
Default
Function
Comments(1)
7
-
0
Not used
-
6
trg_l2
0
Peer Detection Threshold.
Refer to Table 68. Peer detection threshold as seen on RFI1 input.
-
5
trg_l1
1
4
trg_l0
1
3
rfe_t3
0
Collision Avoidance Threshold.
Refer to Table 69. Collision avoidance threshold as seen on RFI1 input.
-
2
rfe_t2
0
1
rfe_t1
1
0
rfe_t0
1
1. Default setting takes place at power-up and after Set Default command.
Table 68. Peer detection threshold as seen on RFI1 input
trg_I2
trg_I1
trg_I0
Target peer detection
threshold voltage (mVpp on RFI1)
0
0
0
75
0
0
1
105
0
1
0
150
0
1
1
205
1
0
0
290
1
0
1
400
1
1
0
560
1
1
1
800
ST25R3911B
Registers
DS11793 - Rev 6
page 82/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com