Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 33Page - STMicroelectronics ST25R3911B Datasheet HTML 34Page - STMicroelectronics ST25R3911B Datasheet HTML 35Page - STMicroelectronics ST25R3911B Datasheet HTML 36Page - STMicroelectronics ST25R3911B Datasheet HTML 37Page - STMicroelectronics ST25R3911B Datasheet HTML 38Page - STMicroelectronics ST25R3911B Datasheet HTML 39Page - STMicroelectronics ST25R3911B Datasheet HTML 40Page - STMicroelectronics ST25R3911B Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 116 page
background image
After the transmission is executed, the ST25R3911B receiver automatically starts to observe the RFI inputs to
detect a transponder response. The RSSI and AGC (when enabled) start. The framing block processes the sub-
carrier signal from receiver and fills the FIFO with data. When the reception is finished and all the data is in the
FIFO an interrupt is sent to the microcontroller (IRQ due to end of receive), additionally the FIFO status register 1
and FIFO status register 2 display the number of bytes in the FIFO so that the microcontroller can proceed with
data download.
In case of an error or bit collision detected during reception, an interrupt with appropriate flag is sent.
Transmit and Receive when the data packet is longer than FIFO
In case a data packet is longer than FIFO the sequence explained above is modified.
Before transmit the FIFO is filled. During transmit an interrupt is sent when remaining number of bytes is lower
than the water level (IRQ due to FIFO water level). The microcontroller in turn adds more data in the FIFO. When
all the data is transmitted an interrupt is sent to inform the microcontroller that transmission is finished.
During reception situation is similar. In case the FIFO is loaded with more data than the receive water level, an
interrupt is sent and the microcontroller in turn reads the data from the FIFO.
When reception is finished an interrupt is sent to the microcontroller (IRQ due to end of receive), additionally the
FIFO status register 1 and FIFO status register 2 display the number of bytes in the FIFO that are still to be read
out.
Anticollision – ISO 14443A
Note:
For this section, it is assumed that there is more than one ISO/IEC 14443A PICC in the reader RF field, and all
of them are compatible with ISO/IEC 14443 up to level 4.
This section describes the anticollision procedure of ST25R3911B for ISO14443A tags. After an ISO14443 type A
tag enters in the reader field, the reader has to perform a selection process that brings it into the PROTOCOL
state in which the actual application implemented in the tag can be executed. This selection process is described
in the ISO/IEC 14443-3. Figure 21 shows the states that a tag and a reader have to pass through to enter the
protocol state.
The selection procedure starts when a PICC enters the reader field and the PCD sends a REQA (or WUPA)
command followed by an anticollision procedure (including SELECT, RATS and PPS).
ST25R3911B
Application information
DS11793 - Rev 6
page 37/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com