Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 23Page - STMicroelectronics ST25R3911B Datasheet HTML 24Page - STMicroelectronics ST25R3911B Datasheet HTML 25Page - STMicroelectronics ST25R3911B Datasheet HTML 26Page - STMicroelectronics ST25R3911B Datasheet HTML 27Page - STMicroelectronics ST25R3911B Datasheet HTML 28Page - STMicroelectronics ST25R3911B Datasheet HTML 29Page - STMicroelectronics ST25R3911B Datasheet HTML 30Page - STMicroelectronics ST25R3911B Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 116 page
background image
1.2.13
Direct commands
Table 9. Direct commands
Command
code (hex)
Command
Comments
Command
chaining
Interrupt after
Termination
Operation
mode (1)
C1
Set default
Puts the ST25R3911B in default state (same
as after power-up)
No
No
All
C2, C3
Clear
Stops all activities and clears FIFO
Yes
No
en
C4
Transmit with CRC
Starts a transmit sequence using automatic
CRC generation
Yes
No
en, tx_en
C5
Transmit without CRC
Starts a transmit sequence without automatic
CRC generation
Yes
No
en, tx_en
C6
Transmit REQA
Transmits REQA command (ISO14443A mode
only)
Yes
No
en, tx_en
C7
Transmit WUPA
Transmits WUPA command (ISO14443A mode
only)
Yes
No
en, tx_en
C8
NFC initial field ON
Performs initial RF collision avoidance and
switch on the field
Yes
Yes
en (2)
C9
NFC response field
ON
Performs response RF collision avoidance and
switch on the field
Yes
Yes
en(2)
CA
NFC response field
ON with n=0
Performs response RF collision avoidance with
n=0 and switch on the field
Yes
Yes
en(2)
CB
Go to normal NFC
mode
Accepted in NFCIP-1 active communication bit
rate detection mode
Yes
No
-
CC
Analog preset
Presets Rx and Tx configuration based on
state of Mode definition register and Bit rate
definition register
Yes
No
All
D0
Mask receive data
Receive after this command is ignored
Yes
No
en, rx_en
D1
Unmask receive data
Receive data following this command is
normally processed (this command has priority
over internal Mask Receive timer)
Yes
No
en, rx_en
D2
-
Not used
-
-
-
D3
Measure amplitude
Amplitude of signal present on RFI inputs is
measured, result is stored in A/D converter
output register
No
Yes
en
D4
Squelch
Performs gain reduction based on the current
noise level
No
No
en, rx_en
D5
Reset Rx gain
Clears the current squelch setting and loads
the manual gain reduction from Receiver
configuration register 1
No
No
en
D6
Adjust regulators
Adjusts supply regulators according to the
current supply voltage level
No
Yes
en (3)
D7
Calibrate modulation
depth
Starts sequence that activates the Tx,
measures the modulation depth and adapts it
to comply with the specified modulation depth
No
Yes
en
D8
Calibrate antenna
Starts the sequence to adjust parallel
capacitances connected to TRIMx_y pins so
that the antenna LC tank is in resonance
No
Yes
en
D9
Measure phase
Measurement of phase difference between the
signal on RFO and RFI
No
Yes
en
ST25R3911B
Application information
DS11793 - Rev 6
page 27/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com