Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 48Page - STMicroelectronics ST25R3911B Datasheet HTML 49Page - STMicroelectronics ST25R3911B Datasheet HTML 50Page - STMicroelectronics ST25R3911B Datasheet HTML 51Page - STMicroelectronics ST25R3911B Datasheet HTML 52Page - STMicroelectronics ST25R3911B Datasheet HTML 53Page - STMicroelectronics ST25R3911B Datasheet HTML 54Page - STMicroelectronics ST25R3911B Datasheet HTML 55Page - STMicroelectronics ST25R3911B Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 116 page
background image
Start of receive interrupt is sent and the first data bit is put in FIFO after the first reporting time period with
sub
‑carrier is detected. Logic 0 is used for the initially detected phase, while logic 1 indicates inverted phase
comparing to the initial phase.
End of receive is reported when the first reporting period without sub
‑carrier is detected.
Figure 27 shows an example for setting scf = 01b and scp = 01b. With this setting the sub
‑carrier frequency is set
to fc/8 (1695 kHz) and the reporting period to two sub
‑carrier periods (16/fc ~1.18 μs).
Figure 27. Example of BPSK stream mode for scf = 01b and scp = 10b
Data in
FIFO
Input
signal
0
fc/8
fc/16
0
1
0
Reader to Tag communication in stream mode
Reader to tag communication control is the same for both stream modes. Reader to tag coding is defined by data
put in FIFO. The stx bits of Stream mode definition register define the Tx time period during which one bit of FIFO
data define the status of transmitter. In case the data bit is set to logic 0 there is no modulation, in case it is logic 1
the transmitted carrier signal is modulated according to current modulation type setting (AM or OOK).
Transmission in stream mode is started by sending direct commands Transmit Without CRC or Transmit With
CRC.
Figure 28 shows an example for setting stx = 000b. With this setting the Tx time period is defined to 128/fc (~9,44
μs).
Figure 28. Example of Tx in stream mode for stx = 000b and OOK modulation
Data in
FIFO
Input
signal
0
fc/128
0
1
0
1.3
Registers
The 6-bit register addresses below are defined in hexadecimal notation. The possible addresses range from 00h
to 3Fh.
There are two types of registers implemented in the ST25R3911B:
•
Configuration registers
•
Display registers
The configuration registers are used to configure the ST25R3911B. They can be read and written (RW) through
the SPI. The display registers are read only (R); they contain information about the ST25R3911B internal state.
ST25R3911B
Registers
DS11793 - Rev 6
page 52/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com