Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 74Page - STMicroelectronics ST25R3911B Datasheet HTML 75Page - STMicroelectronics ST25R3911B Datasheet HTML 76Page - STMicroelectronics ST25R3911B Datasheet HTML 77Page - STMicroelectronics ST25R3911B Datasheet HTML 78Page - STMicroelectronics ST25R3911B Datasheet HTML 79Page - STMicroelectronics ST25R3911B Datasheet HTML 80Page - STMicroelectronics ST25R3911B Datasheet HTML 81Page - STMicroelectronics ST25R3911B Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 116 page
background image
1.3.34
Antenna calibration control register
Address: 21h
Type: RW
Table 60. Antenna calibration control register
Bit Name Default
Function
Comments(1)
7
trim_s 0
0: LC trim switches are
defined by result of
Calibrate Antenna
command, see Table 9
1: LC trim switches are
defined by bits tre_x written
in this register
Defines source of driving switches on TRIMx pins
6
tre_3
0
MSB
LC trim switches are defined by data written in this register in case
trim_s=1. A bit set to 1 switch on transistor on TRIM1_x and TRIM2_x pin.
5
tre_2
0
-
4
tre_1
0
-
3
tre_0
0
LSB
2
-
0
-
-
1
-
0
0
-
0
1. Default setting takes place at power-up and after Set Default command
1.3.35
Antenna calibration target register
Address: 22h
Type: RW
Table 61. Antenna calibration target register
Bit
Name
Default
Function
Comments(1)
7
act7
1
Define target phase for Calibrate Antenna direct command, see Table 9
-
6
act6
0
-
5
act5
0
-
4
act4
0
-
3
act3
0
-
2
act2
0
-
1
act1
0
-
0
act0
0
-
1. Default setting takes place at power-up and after Set Default command.
ST25R3911B
Registers
DS11793 - Rev 6
page 78/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com