Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 31Page - STMicroelectronics ST25R3911B Datasheet HTML 32Page - STMicroelectronics ST25R3911B Datasheet HTML 33Page - STMicroelectronics ST25R3911B Datasheet HTML 34Page - STMicroelectronics ST25R3911B Datasheet HTML 35Page - STMicroelectronics ST25R3911B Datasheet HTML 36Page - STMicroelectronics ST25R3911B Datasheet HTML 37Page - STMicroelectronics ST25R3911B Datasheet HTML 38Page - STMicroelectronics ST25R3911B Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 116 page
background image
Direct command chaining is not possible.
IRQ due to termination of direct command is produced after command execution is terminated.
1.2.14
Start timers
See Section 1.2.7 Timers.
1.2.15
Test access
The ST25R3911B does not contain any dedicated test pins. A direct command Test Access is used to enable RW
access of test registers and entry in different test modes. Pins CSI and CSO are used as test pins.
Test mode entry and access to test registers
Test registers are not part of normal SPI register address space. After sending a direct command Test Access,
test registers can be accessed using normal Read/Write register SPI command. Access to test registers is
possible in a chained command sequence where first command Test Access is sent, followed by read/write
access to test registers using auto increment feature. After SPI interface reset (SS toggle) the content of test
registers is kept.
Test register are set to default state at power-up and by sending the command Clear Test Registers.
Table 12. Analog Test and Observation Register
Test Address 01h: Analog Test and Observation Register - Type: RW
Bit
Name
Default
Function
Comments
7
tana_7
0
-
Reserved
6
tana_6
0
-
Reserved
5
tana_5
0
-
Reserved
4
-
0
Not used
-
3
tana_3
0
See Table 13
These test modes are also intended for observation in normal mode.
Other modes of this register are also available when analog test mode is not set.
2
tana_2
0
1
tana_1
0
0
tana_0
0
ST25R3911B
Application information
DS11793 - Rev 6
page 35/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com