Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 42Page - STMicroelectronics ST25R3911B Datasheet HTML 43Page - STMicroelectronics ST25R3911B Datasheet HTML 44Page - STMicroelectronics ST25R3911B Datasheet HTML 45Page - STMicroelectronics ST25R3911B Datasheet HTML 46Page - STMicroelectronics ST25R3911B Datasheet HTML 47Page - STMicroelectronics ST25R3911B Datasheet HTML 48Page - STMicroelectronics ST25R3911B Datasheet HTML 49Page - STMicroelectronics ST25R3911B Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 116 page
background image
1.2.20
AM modulation depth: definition and calibration
The ST25R3911B transmitter supports OOK and AM modulation.
The choice between OOK and AM modulation is done by writing bit tr_am in the Auxiliary definition register. AM
modulation is preset by direct command Analog Preset in case the following protocols are configured:
•
ISO14443B
•
FeliCa™
•
NFCIP-1 212 and 424 kb/s
The AM modulation depth can be automatically adjusted by setting the AM modulation depth control register and
sending the direct command Calibrate Modulation Depth. There is also an alternative possibility where the
command Calibrate Modulation Depth is not used and the modulated level is defined by writing the Antenna driver
RFO AM modulated level definition register.
AM modulation depth definition using the direct command Calibrate Modulation Depth
Before sending the direct command Calibrate Modulation Depth the AM modulation depth control register has to
be configured in the following way:
•
Bit 7 (am_s) has to be set to 0 to choose definition by the command Calibrate Modulation Depth
•
Bits 6 to 1 (mod5 to mod0) define target AM modulation depth
Definition of modulation depth using bits mod5 to mod0
The RFID standard documents usually define the AM modulation level in form of the modulation index. The
modulation index is defined as (a - b) / (a + b), where a and b are, respectively, the amplitude of the
non
‑modulated carrier and of the modulated carrier.
The modulation index specification is different for different standards. The ISO-14443B modulation index is
typically 10% with allowed range from 8 to 14%, while range from 10 to 30% is defined in the ISO-15693, and 8 to
30% in the FeliCa™ and NFCIP-1 212 kb/s and 424 kb/s.
The bits mod5 to mod0 are used to calculate the amplitude of the modulated level. The
non
‑modulated level that was before measured by the A/D converter and stored in an 8 bit register is divided by a
binary number in the range from 1 to 1.98. Bits mod5 to mod0 define binary decimals of this number.
ST25R3911B
Application information
DS11793 - Rev 6
page 46/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com