Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 43Page - STMicroelectronics ST25R3911B Datasheet HTML 44Page - STMicroelectronics ST25R3911B Datasheet HTML 45Page - STMicroelectronics ST25R3911B Datasheet HTML 46Page - STMicroelectronics ST25R3911B Datasheet HTML 47Page - STMicroelectronics ST25R3911B Datasheet HTML 48Page - STMicroelectronics ST25R3911B Datasheet HTML 49Page - STMicroelectronics ST25R3911B Datasheet HTML 50Page - STMicroelectronics ST25R3911B Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 116 page
background image
Example
In case of the modulation index 10% the ratio between the non
‑modulated level (a) and the modulated level (b) is
1.2222, which, converted to binary and truncated to six decimals is 1.001110. So, in order to define the
modulation index 10% the bits mod5 to mod0 have to be set to 001110.
Table 17 shows the setting of the mod bits and the associated modulation indexes.
Table 17. Setting mod bits
Modulation Index (%)
mod5 … mod0
Modulation Index (%)
mod5 … mod0
0.0
000000
20.0
100000
0.8
000001
20.5
100001
1.5
000010
21.0
100010
2.3
000011
21.5
100011
3.0
000100
22.0
100100
3.8
000101
22.4
100101
4.5
000110
22.9
100110
5.2
000111
23.4
100111
5.9
001000
23.8
101000
6.6
001001
24.3
101001
7.2
001010
24.7
101010
7.9
001011
25.1
101011
8.6
001100
25.6
101100
9.2
001101
26.0
101101
9.9
001110
26.4
101110
10.5
001111
26.9
101111
11.1
010000
27.3
110000
11.7
010001
27.7
110001
12.3
010010
28.1
110010
12.9
010011
28.5
110011
13.5
010100
28.9
110100
14.1
010101
29.3
110101
14.7
010110
29.7
110110
15.2
010111
30.1
110111
15.8
011000
30.4
111000
16.3
011001
30.8
111001
16.9
011010
31.2
111010
17.4
011011
31.6
111011
17.9
011100
31.9
111100
18.5
011101
32.3
111101
19.0
011110
32.6
111110
19.5
011111
33.0
111111
ST25R3911B
Application information
DS11793 - Rev 6
page 47/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com