Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 47Page - STMicroelectronics ST25R3911B Datasheet HTML 48Page - STMicroelectronics ST25R3911B Datasheet HTML 49Page - STMicroelectronics ST25R3911B Datasheet HTML 50Page - STMicroelectronics ST25R3911B Datasheet HTML 51Page - STMicroelectronics ST25R3911B Datasheet HTML 52Page - STMicroelectronics ST25R3911B Datasheet HTML 53Page - STMicroelectronics ST25R3911B Datasheet HTML 54Page - STMicroelectronics ST25R3911B Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 116 page
background image
MIFARE™ classic compatibility
For communication with MIFARE™ classic compliant devices the bit6 and bit7 from the register 05h can be used
to enable Type A custom frames. Alternatively, the stream mode of ST25R3911B can be used to send and receive
MIFARE™ classic compliant or custom frames.
Stream mode
Stream mode can be used to implement protocols, where the low level framing needed for ISO14443 receive
coding can be used and decoded information can be put in FIFO. The main advantage of this mode over the
transparent mode is that timing is generated in the ST25R3911B therefore the external controller does not have to
operate in real time. The stream mode is selected in the Mode definition register, the operating options are
defined in the Stream mode definition register.
Two different modes are supported for tag to reader communication (Sub
‑carrier and BPSK Stream Modes).
General rule for Stream mode is that the first bit sent/received is put on the LSB position of the FIFO byte.
After selecting the stream mode the receiver and transmitter have to be configured properly (Analog Preset direct
command doesn't apply for stream mode).
Sub-carrier stream mode
This mode supports protocols where during the tag to reader communication the time periods with sub
‑carrier
signal are interchanged with time periods without modulation (like in the ISO14443A 106 kbit/s mode). In this
mode the sub
‑carrier frequency and number of sub‑carrier frequency periods in one reporting period is defined.
Sub
‑carrier frequency in the range from fc/64 (212 kHz) to fc/8 (1695 kHz) are supported.
Supported number of sub
‑carrier frequency periods in one reporting period range from two to eight.
Start of receive interrupt is sent and the first data bit is put in FIFO after the first reporting time period with
sub
‑carrier is detected. One bit of FIFO data gives information about status of input signal during one reporting
period. Logic 1 means that the sub
‑carrier was detected during reporting period, while 0 means that no
modulation was detected during reporting period. End of receive is reported when no sub
‑carrier signal in more
than eight reporting periods have been detected.
Figure 26 shows an example for setting scf = 01b and scp = 10b. With this setting the
sub
‑carrier frequency is set to fc/32 (424 kHz) and the reporting period to four sub‑carrier periods (128/fc ~106
μs).
Figure 26. Example of sub-carrier stream mode for scf = 01b and scp = 10b
Data in
FIFO
Input
signal
1
fc/32
fc/128
1
0
1
BPSK stream mode
This mode supports protocols where during the tag to reader communication BPSK code is used (like in the
ISO14443B mode).
In this mode the sub
‑carrier frequency and number of sub‑carrier frequency periods in one reporting period is
defined. Sub
‑carrier frequency in the range from fc/16 (848 kHz) to fc/4 (3390 kHz) are supported. Supported
number of sub
‑carrier frequency periods in one reporting period range from one to eight.
ST25R3911B
Application information
DS11793 - Rev 6
page 51/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com