Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 9Page - STMicroelectronics ST25R3911B Datasheet HTML 10Page - STMicroelectronics ST25R3911B Datasheet HTML 11Page - STMicroelectronics ST25R3911B Datasheet HTML 12Page - STMicroelectronics ST25R3911B Datasheet HTML 13Page - STMicroelectronics ST25R3911B Datasheet HTML 14Page - STMicroelectronics ST25R3911B Datasheet HTML 15Page - STMicroelectronics ST25R3911B Datasheet HTML 16Page - STMicroelectronics ST25R3911B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 116 page
background image
An IRQ is sent when the difference between a measured value and the reference value is larger than the
configured threshold value. There are two possible definitions for the reference value:
1.
The ST25R3911B can calculate the reference based on previous measurements (auto-averaging)
2.
The controller determines the reference and stores it in a register
The first register in the series of four is the Amplitude measurement configuration register. The difference to the
reference value that triggers the IRQ, the method of reference value definition and the weight of the last
measurement result in case of auto-averaging are defined in this register. The next register is storing the
reference value in case the reference is defined by the controller. The following two registers are display registers.
The first one stores the auto-averaging reference, and the second one stores the result of the last measurement.
The wake-up mode configuration registers have to be configured before the wake-up mode is entered. Any
modification of the wake-up mode configuration while it is active may result in unpredictable behavior.
Auto-averaging
In case of auto-averaging the reference value is recalculated after every measurement as
NewAverage = OldAverage + (MeasuredValue - OldAverage) / Weight
The calculation is done on 13 bits to have sufficient precision.The auto-averaging process is initialized when the
wake-up mode is entered for the first time after initialization (at power-up or after Set Default command). The
initial value is taken from the measurement display registers (for example Amplitude measurement display
register) until the content of this register is not zero.
Every Measurement Configuration register contains a bit that defines whether the measurement that causes an
interrupt is taken in account for the average value calculation (for example bit am_aam of the Amplitude
measurement display register).
1.2.6
Quartz crystal oscillator
The quartz crystal oscillator can operate with 13.56 MHz and 27.12 MHz crystals. The operation of quartz crystal
oscillator is enabled when the Operation control register bit en is set to one. An interrupt is sent to inform the
microcontroller when the oscillator frequency is stable (see Section 1.3.24 Main interrupt register).
The status of oscillator can be observed by observing the Auxiliary display register bit osc_ok. This bit is set to ‘1’
when oscillator frequency is stable.
The oscillator is based on an inverter stage supplied by a controlled current source. A feedback loop is controlling
the bias current in order to regulate amplitude on XTI pin to 1 Vpp.
To enable a fast reader start-up an interrupt is sent when the oscillator amplitude exceeds 750 mVpp.
Division by two ensures that 13.56 MHz signal has a duty cycle of 50%, which is better for the transmitter
performance (no PW distortion). Use of 27.12 MHz crystal is therefore recommended for better performance.
In case of 13.56 MHz crystal, the bias current of stage that is digitizing oscillator signal is increased to assure as
low PW distortion as possible.
Note:
In case of VHBR reception (bit rates fc/8 and above) it is mandatory to use the 27.12 MHz crystal since high
frequency clock is needed for receive framing.
The oscillator output is also used to drive a clock signal output pin MCU_CLK) that can be used by the external
microcontroller. The MCU_CLK pin is configured in the IO configuration register 2.
1.2.7
Timers
The ST25R3911B contains several timers that eliminate the need to run counters in the controller, thus reducing
the effort of the controller code implementation and improve portability of code to different controllers.
Every timer has one or more associated configuration registers in which the timeout duration and different
operating modes are defined. These configuration registers have to be set while the corresponding timer is not
running. Any modification of timer configuration while the timer is active may result in unpredictable behaviour.
All timers except the wake-up timer are stopped by direct command clear.
Note:
In case bit nrt_emv in the General purpose and no-response timer control register is set to one, the no-response
timer is not stopped
Mask receive timer and no-response timer
Mask Receive timer and no-response timer are both automatically started at the end of transmission (at the end of
EOF).
ST25R3911B
Application information
DS11793 - Rev 6
page 13/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com