Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 32Page - STMicroelectronics ST25R3911B Datasheet HTML 33Page - STMicroelectronics ST25R3911B Datasheet HTML 34Page - STMicroelectronics ST25R3911B Datasheet HTML 35Page - STMicroelectronics ST25R3911B Datasheet HTML 36Page - STMicroelectronics ST25R3911B Datasheet HTML 37Page - STMicroelectronics ST25R3911B Datasheet HTML 38Page - STMicroelectronics ST25R3911B Datasheet HTML 39Page - STMicroelectronics ST25R3911B Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 116 page
background image
Table 13. Test Access Register - tana signal selection of CSI and CSO pins
Tana_
Pin CSI
Pin CSO
Comments
3 2 1 0 Type
Functionality
Type
Functionality
0 0 0 1
AO
Analog output of AM channel (before
digitizer)
DO
Digital output of AM channel (after
digitizer)
Normal operation
0 0 1 0
AO
Analog output of PM channel (before
digitizer)
DO
Digital output of PM channel (after
digitizer)
Normal operation
0 0 1 1
AO
Analog output of AM channel (before
digitizer)
AO
Analog output of PM channel (before
digitizer)
Normal operation
0 1 0 0
DO
Digital output of AM channel (after
digitizer)
DO
Digital output of PM channel (after
digitizer)
Normal operation
0 1 0 1
AO
Analog signal after first stage
AO
Analog signal after second stage
Normal operation:
•
PM channel if enabled
•
AM if PM is not enabled
1 0 0 1
DO
Channel selection from logic
DO
Collision Avoidance detector output
Collision Avoidance detectors
are enabled
1 0 1 0
DO
Digital TX modulation signal
DO
Select PM
Analog part of channel selection
0 0 0 1
AO
Analog output of AM channel (before
digitizer)
DO
Digital output of AM channel (after
digitizer)
Normal operation
1.2.16
Power-up sequence
At power-up, the ST25R3911B enters the Power-down mode. The content of all registers is set to the default
state.
1.
The microcontroller, after a power-up, must correctly configure the two IO configuration registers. The
content of these two registers defines operation options related to hardware (power supply mode, Xtal type,
use of MCU_CLK clock, antenna operation mode).
2.
Configure the regulators. It is recommended to use direct command Adjust Regulators to improve the
system PSRR.
3.
When implementing the LC tank tuning, send the direct command Calibrate Antenna.
4.
When using the AM modulation (ISO-14443B for example), set the modulation depth in the AM modulation
depth control register and send the command Calibrate Modulation Depth.
5.
The ST25R3911B is now ready to operate.
1.2.17
Reader operation
To begin with, the operation mode and data rate have to be configured by writing the Mode definition register and
Bit rate definition registerBit Rate Definition register. Additionally, the receiver and transmitter operation options
related to operation mode have to be defined. This is done automatically by sending the direct command Analog
Preset. If more options are required apart from those defined by Analog Preset, then such options must be
additionally set by writing the appropriate registers.
Next, the Ready mode has to be entered by setting the bit en of the Operation control register. In this mode the
oscillator is started and the regulators are enabled. When the oscillator operation is stable, an interrupt is sent.
Before sending any command to a transponder, the transmitter and receiver have to be enabled by setting the bits
rx_en and tx_en. RFID protocols usually require that the reader field is turned on for a while before sending the
first command (5 ms for ISO14443). General purpose timer can be used to measure this time interval.
If REQA or WUPA have to be sent, this is simply done by sending the appropriate direct command, otherwise the
following sequence has to be followed:
1.
Send the direct command Clear
2.
Define the number of transmitted bytes in the Number of transmitted bytes register 1 and Number of
transmitted bytes register 2.
3.
Write the bytes to be transmitted in the FIFO
4.
Send the direct command Transmit With CRC or Transmit Without CRC (whichever is appropriate)
5.
When all the data is transmitted an interrupt is sent to inform the microcontroller that the transmission is
finished (IRQ due to end of transmission)
ST25R3911B
Application information
DS11793 - Rev 6
page 36/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com