Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 75Page - STMicroelectronics ST25R3911B Datasheet HTML 76Page - STMicroelectronics ST25R3911B Datasheet HTML 77Page - STMicroelectronics ST25R3911B Datasheet HTML 78Page - STMicroelectronics ST25R3911B Datasheet HTML 79Page - STMicroelectronics ST25R3911B Datasheet HTML 80Page - STMicroelectronics ST25R3911B Datasheet HTML 81Page - STMicroelectronics ST25R3911B Datasheet HTML 82Page - STMicroelectronics ST25R3911B Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 116 page
background image
1.3.36
Antenna calibration display register
Address: 23h
Type: R
Table 62. Antenna calibration display register
Bit Name Default
Function
Comments(1)
7
tri_3
-
MSB
This register stores result of Calibrate Antenna command. LC trim switches are
defined by data written in this register in case trim_s = 0. A bit set to 1 indicates that
corresponding transistor on TRIM1_x and TRIM2_x pin is switched on.
6
tri_2
-
-
5
tri_1
-
-
4
tri_0
-
LSB
3
tri_err -
1: Antenna
calibration error
Set when Calibrate Antenna sequence has not been able to adjust resonance
2
-
-
Not used
-
1
-
-
0
-
-
1. At power-up and after Set Default command content of this register is set to 0.
1.3.37
AM modulation depth control register
Address: 24h
Type: RW
Table 63. AM modulation depth control register
Bit Name Default
Function
Comments(1)
7
am_s 0
0: AM modulated level is defined by
bits mod5 to mod0. Level is adjusted
automatically by Calibrate
Modulation Depth command, see
Table 9. Direct commands
1: AM modulated level is defined by
bits dram7 to dram0.
-
6
mod5 0
MSB
See Section 1.2.20 AM modulation depth: definition and
calibration for details about AM modulation lavel definition.
5
mod4 0
-
4
mod3 0
-
3
mod2 0
-
2
mod1 0
-
1
mod0 0
LSB
0
-
0
-
-
1. Default setting takes place at power-up and after Set Default command.
ST25R3911B
Registers
DS11793 - Rev 6
page 79/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com