Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 13Page - STMicroelectronics ST25R3911B Datasheet HTML 14Page - STMicroelectronics ST25R3911B Datasheet HTML 15Page - STMicroelectronics ST25R3911B Datasheet HTML 16Page - STMicroelectronics ST25R3911B Datasheet HTML 17Page - STMicroelectronics ST25R3911B Datasheet HTML 18Page - STMicroelectronics ST25R3911B Datasheet HTML 19Page - STMicroelectronics ST25R3911B Datasheet HTML 20Page - STMicroelectronics ST25R3911B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 116 page
background image
The External Field Detector is automatically enabled in the low power Peer Detection mode when NFCIP-1 mode
(initiator or target) is selected in the Bit rate definition register.
Additionally it can be enabled by setting bit en_fd in the Auxiliary display register.
Collision Avoidance threshold
This threshold is used during the RF Collision Avoidance sequence that is executed by sending NFC Field ON
commands (see NFC field ON commands). It can be selected in the range from 25 to 800 mVpp.
1.2.11
Power supply system
The ST25R3911B (Figure 8) features two positive supply pins, VDD and VDD_IO.
VDD is the main power supply pin. It supplies the ST25R3911B blocks through three regulators (VSP_A, VSP_D
and VSP_RF).
VDD range from 2.4 to 5.5 V is supported.
VDD_IO is used to define supply level for digital communication pins (/SS, MISO, MOSI, SCLK, IRQ, MCU_CLK).
Digital communication pins interface with ST25R3911B logic through level shifters, therefore the internal supply
voltage can be either higher or lower than VDD_IO. VDD_IO range from 1.65 to 5.5 V is supported.
Figure 8. ST25R3911B power supply
Power-down
support
sup3V
50 Ω
RV<3:0>
VSP_RF
REG
EN
BGR
and
AGC
AUTOREG
VSP_A
1 kΩ
VSP_D
AGD
reg 2Bh
reg 2Ah
VSP_A
REG
VSP_D
REG
adjust
VSP_RF
VDD
Figure 8 shows the building blocks of the ST25R3911B power supply system and the signals that control it.
The power supply system contains three regulators, a power-down support block, a block generating analog
reference voltage (AGD) and a block performing automatic power supply adjustment procedure. The three
regulators are providing supply to analog blocks (VSP_A), logic (VSP_D) and transmitter (VSP_RF). The use of
VSP_A and VSP_D regulators is mandatory at 5 V power supply to provide regulated voltage to analog and logic
blocks that only use 3.3 V devices. The use of VSP_A and VSP_D regulators at 3 V supply and VSP_RF
regulator at any supply voltage is recommended to improve system PSRR.
Regulated voltage can be adjusted automatically to have maximum possible regulated voltage while still having
good PSRR. All regulator pins also have corresponding negative supply pins that are externally connected to
ground potential (VSS). The reason for separation is in decoupling of noise induced by voltage drops on the
internal power supply lines.
Figure 2 and Figure 3 show typical ST25R3911B application schematics with all regulators used. All regulator pins
and AGD voltage are buffered with capacitors. Recommended blocking capacitor values are detailed in Table 4.
Table 4. Recommended blocking capacitor values
Pins
Recommended capacitors
AGD-VSS
1 μF, in parallel with 10 nF
ST25R3911B
Application information
DS11793 - Rev 6
page 17/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com