Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 8Page - STMicroelectronics ST25R3911B Datasheet HTML 9Page - STMicroelectronics ST25R3911B Datasheet HTML 10Page - STMicroelectronics ST25R3911B Datasheet HTML 11Page - STMicroelectronics ST25R3911B Datasheet HTML 12Page - STMicroelectronics ST25R3911B Datasheet HTML 13Page - STMicroelectronics ST25R3911B Datasheet HTML 14Page - STMicroelectronics ST25R3911B Datasheet HTML 15Page - STMicroelectronics ST25R3911B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 116 page
background image
The capacitance measurement is started by sending the direct command Measure Capacitance. The
ST25R3911B can also be configured to automatically wake-up and perform periodic capacitance measurements.
The result is compared to a stored reference or to an average of previous measurements and in case the
difference is greater than a predefined value an IRQ is triggered to wake-up the controller (see also Section
1.2.5 Wake-up mode).
The capacitive sensor gain can be adjusted in Capacitive sensor control register. The default gain is 2.8 V/pF
(typical value), the maximum gain is 6.5 V/pF (typical value). Since the LSB of the A/D converter corresponds to
approximately 7.8 mV, the default gain results in a sensitivity of 2.8 fF/LSB (1.2 fF/LSB in case of maximum gain).
The duration of the capacitance measurement is 200 μs, and the current consumption during the measurement is
1.1 mA (typical value). As an example, if the capacitive measurement is performed every 100 ms in Wake-Up
mode, then the resulting average current consumption is 5.8 μA (3.6 μA is the standby consumption in Wake-Up
mode).
Capacitor sensor calibration
The capacitive sensor comprises a calibration unit that internally compensates the parasitic capacitances
between CSI and CSO, thus leaving full measurement range for information about capacitance variation. Five bits
are used to control the calibration. The minimum calibration step and the available calibration range are,
respectively, 0.1 pF and 3.1 pF. The calibration can be done manually by writing to the Capacitive sensor control
register or automatically by sending the direct command Calibrate Capacitive Sensor. The status of the Calibrate
Capacitive Sensor command and the resulting calibration value are stored in the Capacitive sensor display
register.
In order to avoid interference of the capacitive sensor with the Xtal oscillator and the reader magnetic field and to
assure repetitive results it is strongly recommended to perform capacitance measurement and calibration in
Power-down mode only.
1.2.5
Wake-up mode
Asserting the Operation control register bit wu while the other bits are set to 0 puts the ST25R3911B in wake-up
mode, used to perform low power detection of card presence. The ST25R3911B includes several possibilities of
low power detection of a card presence (capacitive sensor, phase measurement, amplitude measurement). An
integrated low power 32 kHz RC oscillator and a register configurable wake-up timer are used to schedule
periodic detection.
Usually the presence of a card is detected by a so-called polling loop. In this process the reader field is
periodically turned on and the controller checks whether a card is present using RF commands. This procedure
consumes a lot of energy since the reader field has to be turned on for 5 ms before a command can be issued.
Low power detection of card presence is performed by detecting a change in the reader environment, produced
by a card. When a change is detected, an interrupt is sent to the controller. As a result, the controller can perform
a regular polling loop.
In the wake-up mode the ST25R3911B periodically performs the configured reader environment measurements
and sends an IRQ to the controller when a difference to the configured reference value is detected.
Detection of card presence can be done by performing phase,amplitude and capacitive sensor measurements.
Presence of a card close to the reader antenna coil produces a change of the antenna LC tank signal phase and
amplitude. The reader field activation time needed to perform the phase or the amplitude measurement is
extremely short (~20 μs) compared to the activation time needed to send a protocol activation command.
Additionally the power level during the measurement can be lower than the power level during normal operation
since the card does not have to be powered to produce a coupling effect. The emitted power can be reduced by
changing the RFO normal level definition register.
The capacitive sensor detects a change of the parasitic capacitance between the two excitation electrodes. This
change in capacitance can be caused by a card antenna or a hand holding the card. See Section
1.1.5 Capacitive sensor for a detailed information on the capacitive sensor.
The registers on locations from 31h to 3Dh are dedicated to wake-up timer configuration and display. The wake-
up Timer Control register is the main Wake-up timer control register. The timeout period between the successive
detections and the measurements are selected in this register. Timeouts in the range from 10 to 800 ms are
available, 100 ms is the default value. Any combination of available measurements can be selected (one, two or
all of them).
The next twelve registers (32h to 3Dh) are configuring the three possible detection measurements and storing the
results, four registers are used for each measurement.
ST25R3911B
Application information
DS11793 - Rev 6
page 12/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com