Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 18Page - STMicroelectronics ST25R3911B Datasheet HTML 19Page - STMicroelectronics ST25R3911B Datasheet HTML 20Page - STMicroelectronics ST25R3911B Datasheet HTML 21Page - STMicroelectronics ST25R3911B Datasheet HTML 22Page - STMicroelectronics ST25R3911B Datasheet HTML 23Page - STMicroelectronics ST25R3911B Datasheet HTML 24Page - STMicroelectronics ST25R3911B Datasheet HTML 25Page - STMicroelectronics ST25R3911B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 116 page
background image
Figure 12. SPI communication: reading a single byte
SCLK rising edge
Data transferred from MCU
SCLK falling edge
Data is sampled
/SS raising
edge
indicates end
of Read mode
Two leading bits
indicate Mode
/SS
SCLK
MOSI
0
1
A5
A4
A3
A2
A1
A0
X
X
D4
D3
D2
D1
D0
D7
D6
tristate
tristate
D5
MISO
SCLK rising edge
Data moved from
Address A5-A0
SCLK falling edge
Data transferred to MCU
Loading transmitting data into FIFO
Loading the transmitting data into the FIFO is similar to writing data into an addressable registers. Difference is
that in case of loading more bytes all bytes go to the FIFO. SPI operation mode bits 10 indicate FIFO operations.
In case of loading transmitting data into FIFO all bits <C5 – C0> are set to 0. Then a bit-stream, the data to be
sent (1 to 96 bytes), can be transferred. In case the command is terminated by putting /SS high before a packet of
8 bits (one byte) is sent, writing of that particular byte in FIFO is not performed.
Figure 13 shows how to load the Transmitting Data into the FIFO.
Figure 13. SPI communication: loading of FIFO
SCLK rising edge
Data transferred from MCU
SCLK falling edge
Data is sampled
/SS raising
edge
indicates
end of
FIFO Mode
1
0
0
0
0
0
0
0
X
X
/SS
SCLK
MOSI
10 pattern
indicates
FIFO Mode
1 to 96
bytes
Start of
paylod data
Reading received data from FIFO
Reading received data from the FIFO is similar to reading data from an addressable registers. Difference is that in
case of reading more bytes they all come from the FIFO. SPI operation mode bits 10 indicate FIFO operations. In
case of reading the received data from the FIFO all bits <C5 – C0> are set to 1. On the following SCLK rising
edges the data from FIFO appears as in case of read data from addressable registers. If the command is
terminated by putting /SS high before a packet of 8 bits (one byte) is read, that particular byte is considered
unread and will be the first one read in next FIFO read operation.
ST25R3911B
Application information
DS11793 - Rev 6
page 22/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com