Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 26Page - STMicroelectronics ST25R3911B Datasheet HTML 27Page - STMicroelectronics ST25R3911B Datasheet HTML 28Page - STMicroelectronics ST25R3911B Datasheet HTML 29Page - STMicroelectronics ST25R3911B Datasheet HTML 30Page - STMicroelectronics ST25R3911B Datasheet HTML 31Page - STMicroelectronics ST25R3911B Datasheet HTML 32Page - STMicroelectronics ST25R3911B Datasheet HTML 33Page - STMicroelectronics ST25R3911B Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 116 page
background image
Figure 20. Direct command NFC response field ON
MS42451V1
TADT
TARFG
n x TRFW
Start
RF on
TRFW
Table 10. Timing parameters of NFC Field ON commands
Symbol
Parameter
Value
Unit
Comments
TIDT
Initial delay time
4096
/fc
NFC Initial Field ON
TRWF
RF waiting time
512
-
TIRFG
Initial guard time
>5
ms
NFC Initial Field ON
TADT
Active delay time
768
/fc
NFC response field ON
TARFG
Active guard time
1024
Go to normal NFC mode
This command is used to transition from NFC target bit rate detection mode to normal mode. Additionally it copies
the content of the NFCIP Bit Rate Detection Display register to the NFCIP bit rate detection display register and
correctly sets the bit tr_am in the Auxiliary definition register.
Analog preset
This command is used to preset receiver and transmitter configuration based on state of Mode definition register
and Bit rate definition register. In case of Sub-carrier bit stream or BPSK bit stream mode, this command should
not be used. The list of configuration bits that are preset is given in Table 11.
ST25R3911B
Application information
DS11793 - Rev 6
page 30/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com