Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 16 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 16 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 12Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 13Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 14Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 15Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 16Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 17Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 18Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 19Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 20Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
16
7.3
7.3
7.3
7.3 Flash
Flash
Flash
Flash Program
Program
Program
Program Memory
Memory
Memory
Memory
7.3.1
7.3.1
7.3.1
7.3.1 Features
Features
Features
Features
�
The program memory consists 8 X 1KB sectors, total 8KB
�
Programming and erase can be done over the full operation voltage range
�
Write, read and erase operation are all supported by In-Circuit Programming (ICP)
�
Fast mass/sector erase and programming
�
Minimum program/erase cycles: 100000
�
Minimum years data retention: 10
�
Low power consumption
The SH79F082 embeds 8K flash program memory for program code. The flash program memory provides electrical erasure
and programming and supports In-Circuit Programming (ICP) mode and Self-Sector Programming (SSP) mode.
N
N
N
Note
ote
ote
ote:::: The last 64 bytes (1FC0H-1FFFH) is reserved, can’t be used as program memory.
In ICP mode, the programmer can do the all the operations to flash memory, such as erase or write. The read or write
operation of flash memory is done by byte, but the erase operation is done by sectors or whole chip.
In ICP mode, the sector erase operation can erase any flash sector except the sector 7. In SSP mode, the sector erase
function can erase any flash sector except the sector 7 and the sector that contains SSP code.
The mass-erase operation only support in ICP mode and this operation will erase the entire program memory including sector 7.
7.3.2
7.3.2
7.3.2
7.3.2 Flash
Flash
Flash
Flash O
O
O
Operation
peration
peration
peration in
in
in
in ICP
ICP
ICP
ICP M
M
M
Mode
ode
ode
ode
ICP mode is performed without removing the micro-controller from the system. In ICP mode, the user system must be power-
off, and the programmer can refresh the program memory through ICP programming interface. The ICP programming
interface consists of 6 wires (VDD, GND, TCK, TDI, TMS, TDO).
At first the four JTAG pins (TDO, TDI, TCK, TMS) are used to enter the programming mode. Only after the three pins are
inputted the specified waveform, the CPU will enter the programming mode. For more detail description please refers to the
FLASH Programmer’s user guide.
The
The
The
The ICP
ICP
ICP
ICP M
M
M
Mode
ode
ode
ode S
S
S
Supports
upports
upports
upports the
the
the
the F
F
F
Following
ollowing
ollowing
ollowing O
O
O
Operations
perations
perations
perations::::
((((1
1
1
1)))) Code-Protect
Code-Protect
Code-Protect
Code-Protect Control
Control
Control
Control mode
mode
mode
mode Programming
Programming
Programming
Programming
SH79F082 implements code-protect function to offer high safeguard for customer code. Two modes are available for each
sector.
C
C
C
Code-
ode-
ode-
ode-p
p
p
protect
rotect
rotect
rotect control
control
control
control mode
mode
mode
mode 0
0
0
0:::: Used to enable/disable the write/read operation (except mass erase) from any programmer.
C
C
C
Code-
ode-
ode-
ode-p
p
p
protect
rotect
rotect
rotect control
control
control
control mode
mode
mode
mode 1
1
1
1:::: Used to enable/disable the read operation through MOVC instruction from other sectors; or
the sector erase/write operation through SSP Function.
To enable the wanted protect mode, the user must use the Flash Programmer to set the corresponding protect bit.
((((2
2
2
2)))) Mass
Mass
Mass
Mass Erase
Erase
Erase
Erase
The mass erase operation will erase all the contents of program code, code option, code protect bit and customer code ID,
regardless the status of code-protect control mode. (The Flash Programmer supplies customer code ID setting function for
customer to distinguish their product.)
Mass erase is only available in Flash Programmer.
((((3
3
3
3)))) Sector
Sector
Sector
Sector Erase
Erase
Erase
Erase
The sector erase operation will erase the contents of program code of selected sector . This operation can be done by Flash
Programmer or the user’s program.
If done by the user’s program, the code-protect control mode 1 of the selected sector must be disabled.
f done by the Flash Programmer, the code-protect control mode 0 of the selected sector must be disabled.
Note:
Note:
Note:
Note: The last sector 7 (1800H-1FFFH) cannot be erased by sector erase.
((((4
4
4
4)))) Write/Read
Write/Read
Write/Read
Write/Read Code
Code
Code
Code
The Write/Read Code operation will write the customer code into the Flash Programming Memory or read the customer code
from the Flash Programming Memory. This operation can be done by Flash Programmer or the user’s program.
If done by the user’s program, the code-protect control mode 1 of the selected sector must be disabled. But the program can
read/write its own sector regardless of its security bit.
If done by the Flash Programmer, the code-protect control mode 0 of the selected sector must be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com