Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 39 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 39 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 43Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
39
7.8.4
7.8.4
7.8.4
7.8.4 Interrupt
Interrupt
Interrupt
Interrupt Vector
Vector
Vector
Vector
When an interrupt occurs, the program counter is pushed onto the stack and the corresponding interrupt vector address is
loaded into the program counter. The interrupt vector addresses are listed in Interrupt
Interrupt
Interrupt
Interrupt Summary
Summary
Summary
Summary ttttable
able
able
able.
7.8.5
7.8.5
7.8.5
7.8.5 Interrupt
Interrupt
Interrupt
Interrupt Priority
Priority
Priority
Priority
Each interrupt source can be individually programmed to one of four priority levels by setting or clearing corresponding bits in
the interrupt priority control registers IPL0, IPH0, IPL1, and IPH1. But the OVL NMI interrupt has the highest Priority Level
(except RESET) of all the interrupt sources, with no IPH/IPL control. The interrupt priority service is described below.
An interrupt service routine in progress can be interrupted by a higher priority interrupt, but can not by another interrupt with
the same or lower priority.
The highest priority interrupt service cannot be interrupted by any other interrupt source. If two requests of different priority
levels are received simultaneously, the request of higher priority level is serviced.
If requests of the same priority level are pending at the start of an instruction cycle, an internal polling sequence determines
which request is serviced.
Table
Table
Table
Table 7
7
7
7....30
30
30
30 Interrupt Priority Control Registers
Interrupt
Interrupt
Interrupt
Interrupt Priority
Priority
Priority
Priority
Priority
Priority
Priority
Priority bits
bits
bits
bits
Interrupt
Interrupt
Interrupt
Interrupt Lever
Lever
Lever
Lever Priority
Priority
Priority
Priority
IPHx
IPLx
0
0
Level 0 (lowest priority)
0
1
Level 1
1
0
Level 2
1
1
Level 3 (highest priority)
B8H
B8H
B8H
B8H,,,, B4H
B4H
B4H
B4H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
IPL0
IPL0
IPL0
IPL0
-
PADCL
-
PSL
PT1L
PX1L
PT0L
PX0L
IPH0
IPH0
IPH0
IPH0
-
PADCH
-
PSH
PT1H
PX1H
PT0H
PX0H
R/W
R/W
R/W
R/W
-
R/W
-
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
-
0
-
0
0
0
0
0
B9H
B9H
B9H
B9H,,,, B5H
B5H
B5H
B5H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
IPL1
IPL1
IPL1
IPL1
-
PFLTL
PPWML
-
PX4L
-
-
-
IPH1
IPH1
IPH1
IPH1
-
PFLTH
PPWMH
-
PX4H
-
-
-
R/W
R/W
R/W
R/W
-
R/W
R/W
-
R/W
-
-
-
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
-
0
0
-
0
-
-
-
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
----
PxxxL/H
PxxxL/H
PxxxL/H
PxxxL/H
Corresponding interrupt source xxx’s priority level selection bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com