Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 74 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 74 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 71Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 72Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 73Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 74Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 75Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 76Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 77Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 78Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
74
8.
8.
8.
8.7
7
7
7 Watchdog
Watchdog
Watchdog
Watchdog Timer
Timer
Timer
Timer (WDT)
(WDT)
(WDT)
(WDT) and
and
and
and R
R
R
Reset
eset
eset
eset S
S
S
State
tate
tate
tate
8.
8.
8.
8.7
7
7
7.1
.1
.1
.1 Feature
Feature
Feature
Feature
�
Auto detect Program Counter (PC) over range, and generate OVL Reset
�
WDT runs even in the Power-Down mode
�
Selectable different WDT overflow frequency
OVL
OVL
OVL
OVL Reset
Reset
Reset
Reset
To enhance the anti-noise ability, SH79F082 built in Program Counter(PC)over range detect circuit, if program counter value
is larger than flash romsize, or detect operation code equal to A5H which is not exist in 8051 instruction set, a OVL reset will
be generate to reset CPU, and set WDOF bit. So, to make use of this feature, you should fill unused flash rom with A5H.
The watchdog timer is a down counter, and its clock source is an independent built-in RC oscillator, so it always runs even in
the Power-Down mode. The watchdog timer will generate a device reset when it overflows. It can be enabled or disabled
permanently by the code option.
The watchdog timer control bits (WDT.2-0) are used to select different overflow frequency. The watchdog timer overflow flag
(WDOF) will be automatically set to “1” by hardware when overflow happens. To prevent overflow happen, by reading or
writing the WDT register RSTSTAT, the watchdog timer should re-count before the overflow happens.
There are also some reset flags in this register as below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com