Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 41 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 41 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 45Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
41
7.8.8
7.8.8
7.8.8
7.8.8 External
External
External
External Interrupt
Interrupt
Interrupt
Interrupt IIIInputs
nputs
nputs
nputs
The SH79F082 has 3 external interrupt inputs. External interrupt0-1 each has one vector address. External interrupt 4 has 2
inputs; all of them share one vector address. These external interrupts can be programmed to be level-triggered or edge-
triggered by clearing or setting bit IT1 or IT0 in register TCON and register EXF1. If ITn = 0 (n = 0-1), external interrupt 0/1 is
triggered by a low level detected at the INT0/1 pin. If ITn = 1 (n = 0-1), external interrupt 0/1 is edge triggered. In this mode if
consecutive samples of the INT0/1 pin show a high level in one cycle and a low level in the next cycle, interrupt request flag
in register EXF1 is set, causing an interrupt request. Since the external interrupt pins are sampled once each machine cycle,
an input high or low level should be held for at least one machine cycle to ensure proper sampling.
If the external interrupt is edge-triggered, the external source has to hold the request pin high for at least one machine cycle,
and then hold it low for at least one machine cycle. This is to ensure that the transition is detected and that interrupt request
flag is set. Notice that IE0-1 is automatically cleared by CPU when the service routine is called while IF4x should be cleared
by software. External interrupt4 operates in the similar ways except have different registers and have more selection of
trigger.
If the external interrupt is level-triggered, the external source must hold the request active until the requested interrupt is
generated, which will take 2 machine cycles. If the external interrupt is still asserted when the interrupt service routine is
completed, another interrupt will be generated. It is not necessary to clear the interrupt flag IEx (x = 0, 1) when the interrupt is
level sensitive, it simply tracks the input pin level.
If an external interrupt is enabled when the SH79F082 is put into Power down or Idle mode, the interrupt occurrence will
cause the processor to wake up and resume operation.
Note
Note
Note
Note
: IE0-1 is automatically cleared by CPU when the service routine is called while IF40-41 should be cleared by software.
>1 machine Cycle
>1 machine Cycle
>1 machine Cycle
High-Level Threshold
Low-Level Threshold
Low-Level Threshold
7.8.
7.8.
7.8.
7.8.9
9
9
9 Interrupt
Interrupt
Interrupt
Interrupt Summary
Summary
Summary
Summary
Source
Source
Source
Source
Vector
Vector
Vector
Vector
Address
Address
Address
Address
Enable
Enable
Enable
Enable bits
bits
bits
bits
Flag
Flag
Flag
Flag bits
bits
bits
bits
Polling
Polling
Polling
Polling Priority
Priority
Priority
Priority
Interrupt
Interrupt
Interrupt
Interrupt number
number
number
number
(c
(c
(c
(c lang
lang
lang
language
uage
uage
uage))))
Reset
0000H
-
-
0 (higest)
INT0
0003H
EX0
IE0
1
0
Timer0
000BH
ET0
TF0
2
1
INT1
0013H
EX1
IE1
3
2
Timer1
001BH
ET1
TF1
4
3
EUART
0023H
ES
RI+TI
5
4
ADC
0033H
EADC
ADCIF
6
6
INT4
0053H
EX4+IENC
IF4X
7
10
PWM
0063H
EPWM+PWMP/1/2IE
PWMP/1/2IF
8
12
FAULT
006BH
EFLT
FLTF
9
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com