Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 36 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 36 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 40Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
36
Table
Table
Table
Table 7
7
7
7....26
26
26
26 Secondary Interrupt Enable Register
Note:
Note:
Note:
Note:
(1) To enable External interrupt0/1/4, the corresponding port must be set to input mode before using it.
(2) To enable PWM timer interrupt, the EPWM bit here should be set. Also, the PWMxIE (x = 1, 2) and PWMPIE bit in PWM
interrupt control register should be set.
Table
Table
Table
Table 7
7
7
7....27
27
27
27 Interrupt Channel Enable Register
A9H
A9H
A9H
A9H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
IEN1
IEN1
IEN1
IEN1
-
EFLT
EPWM
-
EX4
-
-
-
R/W
R/W
R/W
R/W
-
R/W
R/W
-
R/W
-
-
-
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
-
0
0
-
0
-
-
-
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
6
6
6
6
EFLT
EFLT
EFLT
EFLT
PWM
PWM
PWM
PWM interrupt
interrupt
interrupt
interrupt enable
enable
enable
enable bit
bit
bit
bit
0: Disable FAULT interrupt
1: Enable FAULT interrupt
5
5
5
5
EPWM
EPWM
EPWM
EPWM
PWM
PWM
PWM
PWM interrupt
interrupt
interrupt
interrupt enable
enable
enable
enable bit
bit
bit
bit
0: Disable PWM interrupt
1: Enable PWM interrupt
(cooperate with PWM duty and period interrupt enable bit)
3
3
3
3
EX4
EX4
EX4
EX4
Enternal
Enternal
Enternal
Enternal interrupt
interrupt
interrupt
interrupt 4
4
4
4 enable
enable
enable
enable bit
bit
bit
bit
0: Disenable external interrupt 4
1: enable external interrupt 4
BA
BA
BA
BAH
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
IEN
IEN
IEN
IENC
C
C
C
-
-
-
-
-
-
EXS41
EXS40
R/W
R/W
R/W
R/W
-
-
-
-
-
-
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
-
-
-
-
-
-
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
1-0
1-0
1-0
1-0
EXS4x.
EXS4x.
EXS4x.
EXS4x.
x
x
x
x =
=
=
= 0
0
0
0,,,, 1
1
1
1
E
E
E
External
xternal
xternal
xternal interrupt4
interrupt4
interrupt4
interrupt4 channel
channel
channel
channel select
select
select
select bit
bit
bit
bit (x
(x
(x
(x =
=
=
= 0,
0,
0,
0, 1)
1)
1)
1)
0: Disable external interrupt 4x
1: Enable external interrupt 4x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com