Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 57 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 57 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 53Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 54Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 55Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 56Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 57Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 58Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 59Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 61Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
57
8.
8.
8.
8.2
2
2
2 EUART
EUART
EUART
EUART
8.
8.
8.
8.2
2
2
2.1
.1
.1
.1 F
F
F
Feature
eature
eature
eature
�
The SH79F082 has one enhanced EUART which are compatible with the conventional 8051
�
The baud rate can be selected from the divided clock of the system clock, or Timer 1overflow rate
�
Enhancements over the standard 8051 the EUART include Framing Error detection and automatic address recognition
�
The EUART can be operated in four modes
8.
8.
8.
8.2
2
2
2.2
.2
.2
.2 EUART
EUART
EUART
EUART Mode
Mode
Mode
Mode Description
Description
Description
Description
The EUART can be operated in 4 modes. Users must initialize the SCON before any communication can take place. This
involves selection of the Mode and the baud rate. The Timer1 should also be initialized if the mode 1 or the mode 3 is used.
In all of the 4 modes, transmission is initiated by any instruction that uses SBUF as a destination register. Reception is
initiated in Mode 0 by the condition RI = 0 and REN = 1. This will generate a clock on the TxD pin and shift in 8 bits on the
RxD pin. Reception is initiated in the other modes by the incoming start bit if RI = 0 and REN = 1. The external transmitter will
start the communication by transmitting the start bit.
EUART
EUART
EUART
EUART Mode
Mode
Mode
Mode Summary
Summary
Summary
Summary
Mode
Mode
Mode
Mode 0
0
0
0:::: Synchronous
Synchronous
Synchronous
Synchronous Mode
Mode
Mode
Mode,,,, Half
Half
Half
Half du
du
du
duplex
plex
plex
plex
This mode provides synchronous communication with external devices. In this mode serial data is transmitted and received
on the RxD line. TxD is used to output the shift clock. The TxD clock is provided by the SH79F082 whether the device is
transmitting or receiving. This mode is therefore a half duplex mode of serial communication. In this mode, 8 bits are
transmitted or received per frame. The LSB is transmitted/received first.
The baud rate is programmable to either 1/12 or 1/4 of the system clock. This baud rate is determined in the SM2 bit
(SCON.5). When this bit is set to 0, the serial port runs at 1/12 of the system clock. When set to 1, the serial port runs at 1/4
of the system clock.
The functional block diagram is shown below. Data enters and exits the serial port on the RxD line. The TxD line is used to
output the SHIFT CLOCK. The SHIFT CLOCK is used to shift data into and out of the SH79F082.
12
4
SERIAL
SERIAL
SERIAL
SERIAL
CONTROLLER
CONTROLLER
CONTROLLER
CONTROLLER
TX CLOCK
TX START
TX SHIFT
TI
RI
SHIFT
CLOCK
RX CLOCK
LOAD SBUF
RX START
RX SHIFT
Transmit Shift Register
RXD
Serial Port Interrupt
TXD
RI
REN
PARIN
LOAD
CLOCK
SOUT
CLOCK
SIN
PAROUT
RXD
SBUF
Read SBUF
Receive Shift Register
Internal
Data Bus
Write to
SBUF
1
0
SBUF
÷
÷
System Clock
SM2
SM
SM
SM
SM0
0
0
0
SM
SM
SM
SM1
1
1
1
Mode
Mode
Mode
Mode
Type
Type
Type
Type
Baud
Baud
Baud
Baud Clock
Clock
Clock
Clock
Frame
Frame
Frame
Frame Size
Size
Size
Size Start
Start
Start
Start Bit
Bit
Bit
Bit Stop
Stop
Stop
Stop Bit
Bit
Bit
Bit
9
9
9
9th
th
th
th bit
bit
bit
bit
0
0
0
Sych
fSYS/(4 or 12)
8 bits
NO
NO
None
0
1
1
Ansych
Timer 1 overflow rate/(16 or 32)
10 bits
1
1
None
1
0
2
Ansych
fSYS/(32 or 64)
11 bits
1
1
0, 1
1
1
3
Ansych
Timer 1 overflow rate/(16 or 32)
11 bits
1
1
0, 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com