Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 7 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 7 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 9Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 10Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 11Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
7
Table
Table
Table
Table 6.1
6.1
6.1
6.1 CPU Core SFRs
Table
Table
Table
Table 6.2
6.2
6.2
6.2 Power and Clock control SFRs
Mnem
Mnem
Mnem
Mnem
Add
Add
Add
Add
Name
Name
Name
Name
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
////PIN
PIN
PIN
PIN Reset
Reset
Reset
Reset Value
Value
Value
Value
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
ACC
E0h
Accumulator
00000000
ACC.7
ACC.6
ACC.5
ACC.4
ACC.3
ACC.2
ACC.1
ACC.0
B
F0h
B Register
00000000
B.7
B.6
B.5
B.4
B.3
B.2
B.1
B.0
AUXC
F1h
C Register
00000000
C.7
C.6
C.5
C.4
C.3
C.2
C.1
C.0
PSW
D0h
Program Status Word
00000000
CY
AC
F0
RS1
RS0
OV
F1
P
SP
81h
Stack Pointer
00000111
SP.7
SP.6
SP.5
SP.4
SP.3
SP.2
SP.1
SP.0
DPL
82h
Data Pointer Low byte
00000000
DPL0.7
DPL0.6
DPL0.5
DPL0.4
DPL0.3
DPL0.2
DPL0.1
DPL0.0
DPH
83h
Data Pointer High byte
00000000
DPH0.7
DPH0.6
DPH0.5
DPH0.4
DPH0.3
DPH0.2
DPH0.1
DPH0.0
DPL1
84h
Data Pointer 1 Low byte
00000000
DPL1.7
DPL1.6
DPL1.5
DPL1.4
DPL1.3
DPL1.2
DPL1.1
DPL1.0
DPH1
85h
Data Pointer 1 High byte
00000000
DPH1.7
DPH1.6
DPH1.5
DPH1.4
DPH1.3
DPH1.2
DPH1.1
DPH1.0
INSCON
86h
Data pointer select
00--00-0
BKS1
BKS0
-
-
DIV
MUL
-
DPS
Mnem
Mnem
Mnem
Mnem
Add
Add
Add
Add
Name
Name
Name
Name
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
////PIN
PIN
PIN
PIN Reset
Reset
Reset
Reset Value
Value
Value
Value
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
PCON
87h
Power Control
00--0000
SMOD
SSTAT
-
-
GF1
GF0
PD
IDL
SUSLO
8Eh
Suspend Mode Control
00000000
SUSLO.7
SUSLO.6
SUSLO.5
SUSLO.4
SUSLO.3
SUSLO.2
SUSLO.1
SUSLO.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com