Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 63 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 63 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 59Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 61Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 62Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 67Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
63
The Given address for slave 1 and 2 differ in the LSB. For slave 1, it is a don’t care, while for slave 2 it is 1. Thus to
communicate only with slave 1, the master must send an address with LSB = 0 (10100000). Similarly the bit 1 is 0 for slave 1
and don’t care for slave 2. Hence to communicate only with slave 2 the master has to transmit an address with bit 1 = 1
(1010 0011). If the master wishes to communicate with both slaves simultaneously, then the address must have bit 0 = 1 and
bit 1 = 0. The bit 2 position is don’t care for both the slaves. This allows two different addresses to select both slaves (1010
0001 and 1010 0101).
The master can communicate with all the slaves simultaneously with the Broadcast Address. This address is formed from the
logical OR of the SADDR and SADEN. The zeros in the result are defined as don’t cares. In most cases, the Broadcast
Address is FFh, this address will be acknowledged by all slaves.
On reset, the SADDR and SADEN are initialized to 00h. This results in Given Address and Broadcast Address being set as
XXXXXXXX (all bits don’t care). This effectively removes the multiprocessor communications feature, since any selectivity is
disabled. This ensures that the EUART 0 will reply to any address, which it is backwards compatible with the 80C51
microcontrollers that do not support automatic address recognition. So the user may implement multiprocessor by software
address recognition mentioned above.
8.2.5
8.2.5
8.2.5
8.2.5 Error
Error
Error
Error Detection
Detection
Detection
Detection
Error detection is available when the SSTAT bit in register PCON is set to logic 1.The SSTAT bit must be logic 1 to access
any of the status bits (FE, RXOV, and TXCOL). The SSTAT bit must be logic 0 to access the Mode Select bits (SM0, SM1,
and SM2).All the 3 bits should be cleared by software after they are set, even when the following frames received without any
error will not be cleared automatically.
Transmit
Transmit
Transmit
Transmit Collision
Collision
Collision
Collision
The Transmit Collision bit (TXCOL bit in register SCON) reads ‘1’ if RI is set 0 and user software writes data to the SBUF
register while a transmission is still in progress. If this occurs, the new data will be ignored and the transmit buffer will not be
written.
Receive
Receive
Receive
Receive Overrun
Overrun
Overrun
Overrun
The Receive Overrun bit (RXOV in register SCON) reads ‘1’ if a new data byte is latched into the receive buffer before
software has read the previous byte. The previous data is lost when this happen.
Frame
Frame
Frame
Frame Error
Error
Error
Error
The Frame Error bit (FE in register SCON) reads ‘1’ if an invalid (low) STOP bit is detected.
Break
Break
Break
Break Detection
Detection
Detection
Detection
A break is detected when any 11 consecutive bits are sensed low. Since a break condition also satisfies the requirements for
a framing error, a break condition will also result in reporting a framing error. Once a break condition has been detected, the
EUART will go into an idle state and remain in this idle state until a valid stop bit (rising edge on RxD line) has been received.
8.2.6
8.2.6
8.2.6
8.2.6 Register
Register
Register
Register
Table
Table
Table
Table 8
8
8
8....16
16
16
16 Power Control Register
87
87
87
87H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
P
P
P
PCON
CON
CON
CON
SMOD
SSTAT
-
-
GF1
GF0
PD
IDL
R/W
R/W
R/W
R/W
R/W
R/W
-
-
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
-
-
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7
7
7
7
SMOD
SMOD
SMOD
SMOD
Baud
Baud
Baud
Baud rate
rate
rate
rate doubler
doubler
doubler
doubler
If set in mode 1 & 3, the baud-rate of EUART is doubled if using timer 1 as
baud-rate generator
If set in mode 2, the baud-rate of EUART is doubled
6
6
6
6
SSTAT
SSTAT
SSTAT
SSTAT
SCON
SCON
SCON
SCON [7:5]
[7:5]
[7:5]
[7:5] function
function
function
function select
select
select
select bit
bit
bit
bit
0: SCON [7:5] operates as SM0, SM1, SM2
1: SCON [7:5] operates as FE, RXOV, TXCOL
3-2
3-2
3-2
3-2
GF[1:0]
GF[1:0]
GF[1:0]
GF[1:0]
General
General
General
General purpose
purpose
purpose
purpose flag
flag
flag
flags
s
s
s for
for
for
for software
software
software
software use
use
use
use
1
1
1
1
PD
PD
PD
PD
Power-Down
Power-Down
Power-Down
Power-Down m
m
m
mode
ode
ode
ode control
control
control
control bit
bit
bit
bit
0
0
0
0
IDL
IDL
IDL
IDL
Idle
Idle
Idle
Idle m
m
m
mode
ode
ode
ode control
control
control
control bit
bit
bit
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com