Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 70 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 70 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 71Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 72Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 73Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 74Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
70
8.
8.
8.
8.4
4
4
4 Operation
Operation
Operation
Operation Ampli
Ampli
Ampli
Amplifier
fier
fier
fier (OP)
(OP)
(OP)
(OP) and
and
and
and Comparator
Comparator
Comparator
Comparator (CMP)
(CMP)
(CMP)
(CMP)
8.
8.
8.
8.4
4
4
4.1
.1
.1
.1 Feature
Feature
Feature
Feature
�
built-in OP and CMP
�
CMP built-in Schmit-triger
�
CMP output direct control PWM
�
OP output direct as ADC input
8.4.2
8.4.2
8.4.2
8.4.2 Register
Register
Register
Register
Table
Table
Table
Table 8
8
8
8....24
24
24
24 OP & CMP Register
9
9
9
91
1
1
1H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
CURSAMP
CURSAMP
CURSAMP
CURSAMP
CMPEN
TRG
CMPOUT
-
AMPEN
IDEB2
IDEB1
IDEB0
R/W
R/W
R/W
R/W
R/W
R/W
R
-
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
-
-
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7
7
7
7
CMPEN
CMPEN
CMPEN
CMPEN
CMP
CMP
CMP
CMP enable
enable
enable
enable control
control
control
control
0: Disable CMP, P0.1 and P1.1 as I/O
1: Enable CMP, P0.1 as CMP negative input. P1.1 as CMP positive input
N
N
N
Note
ote
ote
ote:::: only AMPEN and CMPEN both 0, P1.1 as I/O.otherwise P1.1 as CMP or
OP input
6
6
6
6
TRG
TRG
TRG
TRG
CMP
CMP
CMP
CMP Schmit-triger
Schmit-triger
Schmit-triger
Schmit-triger window
window
window
window enable
enable
enable
enable
0 = No Schmit-triger window, if positive input is larger than negative input,
comparator output high, otherwise output low.
1 = 30mV Schmit-triger window, if positive input is larger than negative input,
comparator output high, but only when positive input lower than negative
input 100mv, comparator will output low, otherwise comparator output
state will not change.
5
5
5
5
CMPOUT
CMPOUT
CMPOUT
CMPOUT
CMP
CMP
CMP
CMP output
output
output
output state
state
state
state bit
bit
bit
bit ((((control
control
control
control by
by
by
by hardware
hardware
hardware
hardware))))
0: CMP output low
1: CMP output high
3
3
3
3
AMPEN
AMPEN
AMPEN
AMPEN
OP
OP
OP
OP enable
enable
enable
enable control
control
control
control....
0: Disable OP, P1.1-0 and P0.0 as I/O
1: Enable OP, P1.1 as OP positive input, P1.0 as OP negative input,
P0.0 as output
2-0
2-0
2-0
2-0
IDEB2
IDEB2
IDEB2
IDEB2----0
0
0
0
Debounce
Debounce
Debounce
Debounce time
time
time
time select
select
select
select
000 = disable
001 = about 250ns
010 = about 500ns
011 = about 1us
100 = about 2us
101 = about 4us
110 = about 8us
111 = about 16us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com