Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 43 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 43 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 47Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
43
Table
Table
Table
Table 8
8
8
8....2
2
2
2 PWM Module Control Register
In edge-aligned mode, PWM waveform diagram with different PWMS is shown below.
PWMn output
(PWMnS = 0)
n = 1 or 2
PWMn1 output
(PWMn1S = 0)
Duty
Period
PWMn output
(PWMnS = 1)
PWMn1 output
(PWMn1S = 1)
D9H
D9H
D9H
D9H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
PWMCON
PWMCON
PWMCON
PWMCON
PWMCLK1 PWMCLK0 PWM21S
PWM11S
-
PWM2S
PWM1S
-
R/W
R/W
R/W
R/W
R/W
-
R/W
R/W
-
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
0
-
0
0
-
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7
7
7
7----6
6
6
6
PWMCLK
PWMCLK
PWMCLK
PWMCLK[[[[1
1
1
1:0]
:0]
:0]
:0]
PWM
PWM
PWM
PWM Module
Module
Module
Module clock
clock
clock
clock select
select
select
select bit
bit
bit
bit
00: PWM clock = System clock/1
01: PWM clock = System clock/2
10: PWM clock = System clock/4
11: PWM clock = System clock/8
5
5
5
5
PWM21S
PWM21S
PWM21S
PWM21S
PWM
PWM
PWM
PWM2
2
2
21
1
1
1 output
output
output
output mode
mode
mode
mode select
select
select
select bit
bit
bit
bit
0: Driver circuit High Active, PWM21 output low during duty time, output high
during remain period time
1: Driver circuit Low Active, PWM21 output high during duty time, output low
during remain period time
4
4
4
4
PWM11S
PWM11S
PWM11S
PWM11S
PWM
PWM
PWM
PWM1
1
1
11
1
1
1 output
output
output
output mode
mode
mode
mode select
select
select
select bit
bit
bit
bit
0: Driver circuit High Active, PWM11 output low during duty time, output high
during remain period time
1: Driver circuit Low Active, PWM11 output high during duty time, output low
during remain period time
2
2
2
2
PWM2S
PWM2S
PWM2S
PWM2S
PWM
PWM
PWM
PWM2
2
2
2 output
output
output
output mode
mode
mode
mode select
select
select
select bit
bit
bit
bit
0: Driver circuit High Active, PWM2 output high during duty time, output low
during remain period time
1: Driver circuit Low Active, PWM2 output low during duty time, output high
during remain period time
1
1
1
1
PWM1S
PWM1S
PWM1S
PWM1S
PWM
PWM
PWM
PWM1
1
1
1 output
output
output
output mode
mode
mode
mode select
select
select
select bit
bit
bit
bit
0: Driver circuit High Active, PWM1 output high during duty time, output low
during remain period time
1: Driver circuit Low Active, PWM1 output low during duty time, output high
during remain period time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com