Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 85 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 85 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 89Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
85
10.
10.
10.
10. Electrical
Electrical
Electrical
Electrical Characteristics
Characteristics
Characteristics
Characteristics
Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings*
Ratings*
Ratings*
Ratings*
DC Supply Voltage. . . . . . . . . . . . . . . . . . . .-0.3V to +6.0V
Input/Output Voltage. . . . . . . . . . . .GND-0.3V to VDD+0.3V
Operating Ambient Temperature. . . . . . . . . -40°C to +85°C
Storage Temperature . . . . . . . . . .. . . . . . .-55°C to +125°C
*Comments
*Comments
*Comments
*Comments
Stresses exceed those listed under “Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum
Ratings
Ratings
Ratings
Ratings” may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied or intended. Exposure to the absolute maximum
rating conditions for extended periods may affect device
reliability.
DC
DC
DC
DC Electrical
Electrical
Electrical
Electrical Characteristics
Characteristics
Characteristics
Characteristics (VDD =3.3 - 5.5V, GND = 0V, TA = 25°C, unless otherwise specified)
Note:
Note:
Note:
Note:
1. “∗” Data in “Typ.” Column is at 5.0V, 25°C, unless otherwise specified.
2. Maximum value of the supply current to VDD is 100mA.
3. Maximum value of the output current from GND is 150mA.
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ. ∗
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Condition
Condition
Condition
Condition
Operating Voltage
VDD
3.3
5.0
5.5
V
400k ≤ fOSC ≤ 16.6MHz
Operating Current
IOP
-
5
10
mA
fOSC = 16.6MHz, VDD = 5.0V
All output pins unload (including all digital input pins
unfloating) CPU on (execute NOP instruction), WDT
on, all other function block off
Stand by Current
(IDLE)
ISB1
-
3
6
mA
fOSC = 16.6MHz, VDD = 5.0V
All output pins unload, CPU off (IDLE), WDT off,
LVR on, all other function block off
Stand by Current
(Power-Down)
ISB2
-
10
20
µA
Osc off, VDD = 5.0V
All output pins unload, CPU off (Power-Down),
WDT off, LVR off, all other function block off
LVR Current
ILVR1
-
35
-
µA
LVR enable, LVR voltage is 4.3V
ILVR2
-
1
-
µA
LVR enable, LVR voltage is 3.4V
WDT Current
IWDT
-
1
3
µA
All output pins unload, WDT on, VDD = 5.0V
Input Low Voltage 1
VIL1
GND
-
0.3 X VDD
V
I/O Ports
Input High Voltage 1
VIH1
0.7 X VDD
-
VDD
V
I/O Ports
Input Low Voltage 2
VIL2
GND
-
0.2 X VDD
V
RST
——-------——
, T0, T1, INT0/1/4, RXD, FLT
Input High Voltage 2
VIH2
0.8 X VDD
-
VDD
V
RST
——-------——
, T0, T1, INT0/1/4, RXD, FLT
Input Leakage Current
IIL
-1
-
1
µA
Input pad, VIN = VDD or GND
Pull-high Resistor
RPH
-
30
-
kΩ
VDD = 5.0V, VIN = GND
Output High Voltage
V
OH
VDD - 0.7
-
-
V
I/O Ports, IOH = -10mA, VDD = 5.0V
Output Low Voltage
V
OL1
-
-
GND + 0.6
V
I/O Ports, IOL = 15mA, VDD = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com