Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 44 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 44 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 48Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
44
8.1.
8.1.
8.1.
8.1.3
3
3
3 PWM
PWM
PWM
PWM Fault
Fault
Fault
Fault Detect
Detect
Detect
Detect Function
Function
Function
Function
PWM output can be turned to inactive state if Current Sample detect an Over Current event occurs or FLT input event occurs
if FLTEN is set.
The main purpose of the FAULT function is to disable the PWM output signals and drive them into an inactive state. The
action of the FLT is performed directly by hardware so that when a fault occurs, it can be managed quickly and the PWM
outputs are put into an inactive state to save the power devices connected to the PWM output.
If FLTEN is set, When Fault event is Detected, PWMn will be forced to output GND if PWMnS = 0 or VDD if PWMnS = 1(n = 1,
2, 11, 21).
Table
Table
Table
Table 8
8
8
8....3
3
3
3 PWM Fault Detect Register
D
D
D
D1
1
1
1H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
FLTCON
FLTCON
FLTCON
FLTCON
FLTEN
FLTSEL
FLTM
FLTSTAT
FLTF
-
-
-
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
-
-
-
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
0
0
-
-
-
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7
7
7
7
FLTEN
FLTEN
FLTEN
FLTEN
F
F
F
FAU
AU
AU
AULT
LT
LT
LT Detect
Detect
Detect
Detect Function
Function
Function
Function control
control
control
control bit
bit
bit
bit
0: Fault Detect Function disable
1: PWM Fault Detect Function Enable, control by Analog Compare output or
FLT Pin input
6
6
6
6
FLTSEL
FLTSEL
FLTSEL
FLTSEL
FAULT
FAULT
FAULT
FAULT Detect
Detect
Detect
Detect Input
Input
Input
Input Source
Source
Source
Source select
select
select
select control
control
control
control bit
bit
bit
bit
0: Fault Detect input source from FLT pin (if FLTEN is set and FLTSEL equal
to 0, P0.7 used as FLT Function)
1: Fault Detect input source from Analog Compare output
5
5
5
5
FLTM
FLTM
FLTM
FLTM
FAULT
FAULT
FAULT
FAULT Detect
Detect
Detect
Detect Function
Function
Function
Function mode
mode
mode
mode select
select
select
select bit
bit
bit
bit
0: Latch mode, PWM output will be shutdown once a ‘1’ is detected on Fault
Detect input, and PWM will keep this state even if Fault input became to ‘0’
again, except that FLTSTAT is clear by software. (But if Fault input source is
still ‘1’, FLTSTAT can’t be cleared)
1: Directly mode, PWM output will be controlled by Fault input, If FAULT input
source = 1, Shut-down PWM output, If FAULT input source = 0, Enable
PWM output again
4
4
4
4
FLTSTAT
FLTSTAT
FLTSTAT
FLTSTAT
FAULT
FAULT
FAULT
FAULT Detect
Detect
Detect
Detect Status
Status
Status
Status Flag
Flag
Flag
Flag bit
bit
bit
bit
0: FAULT Detect status is in inactive state. PWM output normally
1: FAULT Detect status is in active state. PWM output is driving to inactive state
3
3
3
3
FLTF
FLTF
FLTF
FLTF
Fault
Fault
Fault
Fault Detect
Detect
Detect
Detect Interrupt
Interrupt
Interrupt
Interrupt Flag
Flag
Flag
Flag
0: no interrupt request
1: FAULT interrupt request occurs
If FLTM = 0, this bit is set on the rising edge of FAULT input source. It will be
cleared by hardware if FAULT interrupt is respond, and also can be cleared by
software if interrupt is disable.
If FLTM = 1, this bit is directly controlled by Fault input. set this bit when input
high; clear this bit when input low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com