Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 79 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 79 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 75Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 76Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 77Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 78Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 83Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
79
8.
8.
8.
8.10
10
10
10 Code
Code
Code
Code Option
Option
Option
Option
OP_LVR
OP_LVR
OP_LVR
OP_LVR [1
[1
[1
[1:0
:0
:0
:0]:
]:
]:
]:
00: Disable LVR (Default)
01: Enable LVR, reset voltage 4.3V
10: Enable LVR, reset voltage 3.4V
OP_
OP_
OP_
OP_RS
RS
RS
RST
T
T
T [7]:
[7]:
[7]:
[7]:
0: P1.5 as reset pin (Default)
1: P1.5 as I/O
OP_WDT
OP_WDT
OP_WDT
OP_WDT [6
[6
[6
[6::::5]:
5]:
5]:
5]:
00: Disable WDT function (Default)
01: Enable WDT function
10: Disable WDT function
11: Enable WDT function,except in power down mode
OP_WMT
OP_WMT
OP_WMT
OP_WMT [4:3]:
[4:3]:
[4:3]:
[4:3]: (except for internal RC)
00: Oscillator use longest Warm-up time (Default)
01: Oscillator use longer Warm-up time
10: Oscillator use shorter Warm-up time
11: Oscillator use shortest Warm-up time
OP_OSC
OP_OSC
OP_OSC
OP_OSC [2:0]:
[2:0]:
[2:0]:
[2:0]:
000: Internal RC (Default)
101: Crystal Oscillator
110: Ceramic Oscillator
other: Internal RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com