Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 69 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 69 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 71Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 72Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 73Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
69
Table
Table
Table
Table 8
8
8
8....23
23
23
23 AD Converter Data Register (Compare Value Register)
The
The
The
The approach
approach
approach
approach for
for
for
for AD
AD
AD
AD conversion:
conversion:
conversion:
conversion:
1. Select the analog input channels and reference voltage.
2. Enable the ADC module with the selected analog channel.
3. set GO/DONE
————
= 1 to start the AD conversion.
4. Wait until GO/DONE
————
= 0 or ADCIF = 1, if the ADC interrupt is enabled, the ADC interrupt will occur.
5. Acquire the converted data from ADDH/ADDL.
6. Repeat step 3-5 if another conversion is required.
The
The
The
The approach
approach
approach
approach for
for
for
for digital
digital
digital
digital compare
compare
compare
compare function
function
function
function::::
1. Select the analog input channels and reference voltage.
2. Set ADDH/ ADDL to the compare value.
3. Set EC = 1 to enable compare function.
4. Enable the ADC module with the selected analog channel.
5. Set GO/DONE
————
= 1 to start the compare function.
6. If the analog input is lager than compare value set in ADDH/ADDL, the ADCIF will be set to 1. if the ADC interrupt is
enabled, the ADC interrupt will occur.
7. The compare function will continue work until the GO/DONE
————
bit is cleared to 0.
9
9
9
96
6
6
6H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
ADD
ADD
ADD
ADDL
L
L
L
-
-
-
-
-
-
A1
A0
R/W
R/W
R/W
R/W
-
-
-
-
-
-
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
-
-
-
-
-
-
0
0
9
9
9
97
7
7
7H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
ADD
ADD
ADD
ADDH
H
H
H
A9
A8
A7
A6
A5
A4
A3
A2
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
1-0
1-0
1-0
1-0
7-0
7-0
7-0
7-0
A9-A0
A9-A0
A9-A0
A9-A0
ADC
ADC
ADC
ADC Data
Data
Data
Data register
register
register
register
Digital Value of sampled analog voltage, updated when conversion is completed
If ADC Compare function is enabled (EC = 1), this is the value to be compared
with the analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com