Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 64 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 64 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 61Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 62Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 68Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
64
EUART
EUART
EUART
EUART R
R
R
Related
elated
elated
elated SFR
SFR
SFR
SFR
Table
Table
Table
Table 8
8
8
8....17
17
17
17 EUART Control & Status Register
9
9
9
98
8
8
8H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
S
S
S
SCON
CON
CON
CON
SM0/FE
SM1/RXOV SM2/TXCOL
REN
TB8
RB8
TI
RI
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7-6
7-6
7-6
7-6
SM[
SM[
SM[
SM[0
0
0
0:1]
:1]
:1]
:1]
EUART
EUART
EUART
EUART Serial
Serial
Serial
Serial mode
mode
mode
mode control
control
control
control bit
bit
bit
bit,,,, when
when
when
when SST
SST
SST
SSTA
A
A
AT
T
T
T =
=
=
= 0
0
0
0
00: mode 0, Synchronous Mode, fixed baud rate
01: mode 1, 8 bit Asynchronous Mode, variable baud rate
10: mode 2, 9 bit Asynchronous Mode, fixed baud rate
11: mode 3, 9 bit Asynchronous Mode, variable baud rate
7
7
7
7
FE
FE
FE
FE
EUART
EUART
EUART
EUART Frame
Frame
Frame
Frame Error
Error
Error
Error flag,
flag,
flag,
flag, when
when
when
when FE
FE
FE
FE bit
bit
bit
bit is
is
is
is read
read
read
read,SSTAT
SSTAT
SSTAT
SSTAT bit
bit
bit
bit must
must
must
must be
be
be
be set
set
set
set 1
1
1
1
0: No Frame Error, clear by software
1: Frame error occurs, set by hardware
6
6
6
6
RXOV
RXOV
RXOV
RXOV
EUART
EUART
EUART
EUART Receive
Receive
Receive
Receive Over
Over
Over
Over flag,
flag,
flag,
flag, when
when
when
when RXOV
RXOV
RXOV
RXOV bit
bit
bit
bit is
is
is
is read
read
read
read,,,, SSTAT
SSTAT
SSTAT
SSTAT bit
bit
bit
bit must
must
must
must be
be
be
be set
set
set
set 1
1
1
1
0: No Receive Over, clear by software
1: Receive over occurs, set by hardware
5
5
5
5
SM2
SM2
SM2
SM2
EUART
EUART
EUART
EUART Multi-processor
Multi-processor
Multi-processor
Multi-processor communication
communication
communication
communication enable
enable
enable
enable bit
bit
bit
bit (9
(9
(9
(9th
th
th
th bit
bit
bit
bit ‘‘‘‘1
1
1
1’’’’ checker),
checker),
checker),
checker), when
when
when
when
SSTAT
SSTAT
SSTAT
SSTAT =
=
=
= 0
0
0
0
0: In mode 0, baud-rate is 1/12 of system clock
In mode 1, disable stop bit validation check, any stop bit will set RI to
generate interrupt
In mode 2 & 3, any byte will set RI to generate interrupt
1: In mode 0, baud-rate is 1/4 of system clock
In mode 1, Enable stop bit validation check, only valid stop bit (1) will set RI
to generate interrupt
In mode 2 & 3, only address byte (9th bit = 1) will set RI to generate interrupt
5
5
5
5
TXCOL
TXCOL
TXCOL
TXCOL
EUART
EUART
EUART
EUART Transmit
Transmit
Transmit
Transmit Collision
Collision
Collision
Collision flag,
flag,
flag,
flag, when
when
when
when T
T
T
TX
X
X
XC
C
C
CO
O
O
OL
L
L
L bit
bit
bit
bit is
is
is
is read
read
read
read,,,, SSTAT
SSTAT
SSTAT
SSTAT bit
bit
bit
bit must
must
must
must be
be
be
be set
set
set
set 1
1
1
1
0: No Transmit Collision, clear by software
1: Transmit Collision occurs, set by hardware
4
4
4
4
REN
REN
REN
REN
EUART
EUART
EUART
EUART Receiver
Receiver
Receiver
Receiver enable
enable
enable
enable bit
bit
bit
bit
0: Receive Disable
1: Receive Enable
3
3
3
3
TB8
TB8
TB8
TB8
T
T
T
The
he
he
he 9th
9th
9th
9th bit
bit
bit
bit to
to
to
to be
be
be
be transmitted
transmitted
transmitted
transmitted in
in
in
in mode
mode
mode
mode 2
2
2
2 &
&
&
& 3
3
3
3 of
of
of
of EUART,
EUART,
EUART,
EUART, set
set
set
set or
or
or
or clear
clear
clear
clear by
by
by
by software
software
software
software
2
2
2
2
RB8
RB8
RB8
RB8
T
T
T
The
he
he
he 9th
9th
9th
9th bit
bit
bit
bit to
to
to
to be
be
be
be receiv
receiv
receiv
received
ed
ed
ed in
in
in
in mode
mode
mode
mode 1,
1,
1,
1,2
2
2
2 &
&
&
& 3
3
3
3 of
of
of
of EUART
EUART
EUART
EUART
In mode 0, RB8 is not used
In mode 1, if receive interrupt occurs, RB8 is the stop bit that was received
In modes 2 & 3 it is the 9th bit that was received
1
1
1
1
TI
TI
TI
TI
Transmit
Transmit
Transmit
Transmit interrupt
interrupt
interrupt
interrupt flag
flag
flag
flag of
of
of
of EUART
EUART
EUART
EUART
0: cleared by software
1: Set by hardware at the end of the 8th bit time in mode 0, or at the beginning
of the stop bit in other modes
0
0
0
0
RI
RI
RI
RI
Receive
Receive
Receive
Receive interrupt
interrupt
interrupt
interrupt flag
flag
flag
flag of
of
of
of EUART
EUART
EUART
EUART
0: cleared by software.
1: Set by hardware at the end of the 8th bit time in mode 0, or during the stop
bit time in other modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com