Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 68 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 68 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 71Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 72Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
68
Table
Table
Table
Table 8
8
8
8....22
22
22
22 ADC Time Control Register
Note:
Note:
Note:
Note:
(1) Make sure that tAD ≧1µs;
(2) The minimum sample time is 2 tAD, even TS[3:0] = 0000;
The maximum sample time is 15 tAD, even TS[3:0] = 1111;
(3) Evaluate the series resistance connected with ADC input pin before set TS[3:0];
(4) Be sure that the series resistance connected with ADC input pin is no more than 10kΩ when 2 tAD sample time is selected;
(5) Total conversion time is: 12 tAD + sample time.
For
For
For
For Example:
Example:
Example:
Example:
94H
94H
94H
94H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
ADT
ADT
ADT
ADT
TADC2
TADC1
TADC0
-
TS3
TS2
TS1
TS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
-
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
-
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7-5
7-5
7-5
7-5
TADC[2:0]
TADC[2:0]
TADC[2:0]
TADC[2:0]
ADC
ADC
ADC
ADC Clock
Clock
Clock
Clock Period
Period
Period
Period Select
Select
Select
Select bits
bits
bits
bits
000: ADC Clock Period tAD = 2 tSYS
001: ADC Clock Period tAD = 4 tSYS
010: ADC Clock Period tAD = 6 tSYS
011: ADC Clock Period tAD = 8 tSYS
100: ADC Clock Period tAD = 12 tSYS
101: ADC Clock Period tAD = 16 tSYS
110: ADC Clock Period tAD = 24 tSYS
111: ADC Clock Period tAD = 32 tSYS
3-0
3-0
3-0
3-0
TS[3:0]
TS[3:0]
TS[3:0]
TS[3:0]
Sample
Sample
Sample
Sample time
time
time
time select
select
select
select bits
bits
bits
bits
2 tAD ≤ Sample time = (TS[3:0]+1) * tAD ≤ 15 tAD
System
System
System
System Clock
Clock
Clock
Clock (SYSCLK)
(SYSCLK)
(SYSCLK)
(SYSCLK) TADC[2:0]
TADC[2:0]
TADC[2:0]
TADC[2:0]
ttttAD
AD
AD
AD
TS[3:0]
TS[3:0]
TS[3:0]
TS[3:0]
Sample
Sample
Sample
Sample Time
Time
Time
Time
Conversion
Conversion
Conversion
Conversion Time
Time
Time
Time
4MHz
000
0.25*2=0.5µs
-
-
(
tAD<1µs, not recommended)
001
0.25*4=1µs
0000
2*1=2µs
12*1+2=14µs
001
0.25*4=1µs
0111
8*1=8µs
12*1+8=20µs
001
0.25*4=1µs
1111
15*1=15µs
12*1+15=27µs
111
0.25*32=8µs
0000
2*8=16µs
12*8+16=112µs
111
0.25*32=8µs
0111
8*8=64µs
12*8+64=160µs
111
0.25*32=8µs
1111
15*8=120µs
12*8+120=216µs
8MHz
000
0.125*2=0.25µs
-
-
(
tAD<1µs, not recommended)
011
0.125*8=1µs
0000
2*1=2µs
12*1+2=14µs
011
0.125*8=1µs
0111
8*1=8µs
12*1+8=20µs
011
0.125*8=1µs
1111
15*1=15µs
12*1+15=27µs
111
0.125*32=4µs
0000
2*4=8µs
12*4+8=56µs
111
0.125*32=4µs
0111
8*4=32µs
12*4+32=80µs
111
0.125*32=4µs
1111
15*4=60µs
12*4+60=108µs
12MHz
000
0.083*2=0.166µs
-
-
(
tAD<1µs, not recommended)
100
0.083*12=1µs
0000
2*1=2µs
12*1+2=14µs
100
0.083*12=1µs
0111
8*1=8µs
12*1+8=20µs
100
0.083*12=1µs
1111
15*1=15µs
12*1+15=27µs
111
0.083*32=2.7µs
0000
2*2.7=5.4µs
12*2.7+5.4=37.8µs
111
0.083*32=2.7µs
0111
8*2.7=21.6µs
12*2.7+21.6=54µs
111
0.083*32=2.7µs
1111
15*2.7=40.5µs
12*2.7+40.5=72.9µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com