Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 10 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 10 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 9Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 10Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 11Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 12Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 13Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 14Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
10
Table
Table
Table
Table 6.
6.
6.
6.9
9
9
9 Port SFRs
Table
Table
Table
Table 6.
6.
6.
6.10
10
10
10 CLKCON SFR
Table
Table
Table
Table 6.11
6.11
6.11
6.11 EUART SFRs
Mnem
Mnem
Mnem
Mnem
Add
Add
Add
Add
Name
Name
Name
Name
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
////PIN
PIN
PIN
PIN Reset
Reset
Reset
Reset Value
Value
Value
Value
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
P0
80h
7-bit Port 0
-0000000
-
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
P1
90h
6-bit Port 1
--000000
-
-
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
P2
A0h
5-bit Port 2
-000-00-
-
P2.6
P2.5
P2.4
-
P2.2
P2.1
-
P3
B0h
4-bit Port 3
--00-00-
-
-
P3.5
P3.4
-
P3.2
P3.1
-
P0CR
E1h
Port0 input/output direction control
-0000000
-
P0CR.6
P0CR.5
P0CR.4
P0CR.3
P0CR.2
P0CR.1
P0CR.0
P1CR
E2h
Port1 input/output direction control
--000000
-
-
P1CR.5
P1CR.4
P1CR.3
P1CR.2
P1CR.1
P1CR.0
P2CR
E3h
Port2 input/output direction control
-000-00-
-
P2CR.6
P2CR.5
P2CR.4
-
P2CR.2
P2CR.1
-
P3CR
E4h
Port3 input/output direction control
--00-00-
-
-
P3CR.5
P3CR.4
-
P3CR.2
P3CR.1
-
P0PCR
E9h
Internal pull-high enable for Port0
-0000000
-
P0PCR.6
P0PCR.5
P0PCR.4
P0PCR.3
P0PCR.2
P0PCR.1
P0PCR.0
P1PCR
EAh
Internal pull-high enable for Port1
--000000
-
-
P1PCR.5
P1PCR.4
P1PCR.3
P1PCR.2
P1PCR.1
P1PCR.0
P2PCR
EBh
Internal pull-high enable for Port2
-000-00-
-
P2PCR.6
P2PCR.5
P2PCR.4
-
P2PCR.2
P2PCR.1
-
P3PCR
ECh
Internal pull-high enable for Port3
--00-00-
-
-
P3PCR.5
P3PCR.4
-
P3PCR.2
P3PCR.1
-
Mnem
Mnem
Mnem
Mnem
Add
Add
Add
Add
Name
Name
Name
Name
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
////PIN
PIN
PIN
PIN Reset
Reset
Reset
Reset Value
Value
Value
Value
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
CLKCON
B2h
System Clock Control Register
-11-----
-
CLKS1
CLKS0
-
-
-
-
-
Mnem
Mnem
Mnem
Mnem
Add
Add
Add
Add
Name
Name
Name
Name
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
////PIN
PIN
PIN
PIN Reset
Reset
Reset
Reset Value
Value
Value
Value
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
SCON
98h
Serial Control
00000000
SM0/FE
SM1/RXOV SM2/TXCOL
REN
TB8
RB8
TI
RI
SBUF
99h
Serial Data Buffer
00000000
SBUF.7
SBUF.6
SBUF.5
SBUF.4
SBUF.3
SBUF.2
SBUF.1
SBUF.0
SADEN
9Bh
Slave Address Mask
00000000
SADEN.7
SADEN.6
SADEN.5
SADEN.4
SADEN.3
SADEN.2
SADEN.1
SADEN.0
SADDR
9Ah
Slave Address
00000000
SADDR.7
SADDR.6
SADDR.5
SADDR.4
SADDR.3
SADDR.2
SADDR.1
SADDR.0
PCON
87h
Power & serial Control
00--0000
SMOD
SSTAT
-
-
GF1
GF0
PD
IDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com