Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 65 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 65 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 61Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 62Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 69Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
65
Table
Table
Table
Table 8
8
8
8....18
18
18
18 EUART Data Buffer Register
Table
Table
Table
Table 8
8
8
8....19
19
19
19 EUART Slave Address & Address Mask Register
99
99
99
99H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
SBUF
SBUF
SBUF
SBUF
SBUF.7
SBUF.6
SBUF.5
SBUF.4
SBUF.3
SBUF.2
SBUF.1
SBUF.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7-0
7-0
7-0
7-0
SBUF.7-0
SBUF.7-0
SBUF.7-0
SBUF.7-0
This SFR accesses two registers; a transmit shift register and a receive latch register
A write of SBUF will send the byte to the transmit shift register and then initiate a
transmission
A read of SBUF returns the contents of the receive latch
9AH-9BH
9AH-9BH
9AH-9BH
9AH-9BH
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
SADDR
SADDR
SADDR
SADDR
SADDR.7
SADDR.6
SADDR.5
SADDR.4
SADDR.3
SADDR.2
SADDR.1
SADDR.0
SADEN
SADEN
SADEN
SADEN
SADEN.7
SADEN.6
SADEN.5
SADEN.4
SADEN.3
SADEN.2
SADEN.1
SADEN.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7-0
7-0
7-0
7-0
SADDR.7-0
SADDR.7-0
SADDR.7-0
SADDR.7-0
SFR
SFR
SFR
SFR SADDR
SADDR
SADDR
SADDR defines
defines
defines
defines the
the
the
the EUART
EUART
EUART
EUART’’’’s
s
s
s slave
slave
slave
slave address
address
address
address
7-0
7-0
7-0
7-0
SADEN.7-0
SADEN.7-0
SADEN.7-0
SADEN.7-0
SFR
SFR
SFR
SFR SADEN
SADEN
SADEN
SADEN is
is
is
is a
a
a
a bit
bit
bit
bit mask
mask
mask
mask to
to
to
to determine
determine
determine
determine which
which
which
which bits
bits
bits
bits of
of
of
of SADDR
SADDR
SADDR
SADDR are
are
are
are checked
checked
checked
checked
against
against
against
against a
a
a
a received
received
received
received address
address
address
address
0: Corresponding bit in SADDR is a “don’t care”
1: Corresponding bit in SADDR is checked against a received address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com