Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 19 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 19 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 15Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 16Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 17Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 18Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 19Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 23Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
19
Table
Table
Table
Table 7
7
7
7....7
7
7
7 SSP Type Select Register
Table
Table
Table
Table 7
7
7
7....8
8
8
8 SSP Flow Control Register 1
Table
Table
Table
Table 7
7
7
7....9
9
9
9 SSP Flow Control Register 2
Table
Table
Table
Table 7
7
7
7....10
10
10
10 SSP Flow Control Register 3
F
F
F
F2
2
2
2H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
IB_CON
IB_CON
IB_CON
IB_CON1
1
1
1
IB_CON1.7 IB_CON1.6 IB_CON1.5 IB_CON1.4 IB_CON1.3 IB_CON1.2 IB_CON1.1 IB_CON1.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR/PIN
POR/WDT/LVR/PIN
POR/WDT/LVR/PIN
POR/WDT/LVR/PIN))))
0
0
0
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7-0
7-0
7-0
7-0
IB_CON1[7
IB_CON1[7
IB_CON1[7
IB_CON1[7::::0]
0]
0]
0]
SSP
SSP
SSP
SSP Type
Type
Type
Type select
select
select
select
0xE6: Sector Erase
0x6E: Sector Programming
F3H
F3H
F3H
F3H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
IB_CON2
IB_CON2
IB_CON2
IB_CON2
-
-
-
IB_CON2.4 IB_CON2.3 IB_CON2.2 IB_CON2.1 IB_CON2.0
R/W
R/W
R/W
R/W
-
-
-
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR/PIN
POR/WDT/LVR/PIN
POR/WDT/LVR/PIN
POR/WDT/LVR/PIN))))
-
-
-
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
3-0
3-0
3-0
3-0
IB_CON2[3:0]
IB_CON2[3:0]
IB_CON2[3:0]
IB_CON2[3:0]
Must be 05H, else Flash Programming will terminate
F4H
F4H
F4H
F4H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
IB_CON3
IB_CON3
IB_CON3
IB_CON3
-
-
-
-
IB_CON3.3 IB_CON3.2 IB_CON3.1 IB_CON3.0
R/W
R/W
R/W
R/W
-
-
-
-
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR/PIN
POR/WDT/LVR/PIN
POR/WDT/LVR/PIN
POR/WDT/LVR/PIN))))
-
-
-
-
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
3-0
3-0
3-0
3-0
IB_CON3[3:0]
IB_CON3[3:0]
IB_CON3[3:0]
IB_CON3[3:0]
Must be 0AH else Flash Programming will terminate
F5H
F5H
F5H
F5H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
IB_CON4
IB_CON4
IB_CON4
IB_CON4
-
-
-
-
IB_CON4.3 IB_CON4.2 IB_CON4.1 IB_CON4.0
R/W
R/W
R/W
R/W
-
-
-
-
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR/PIN
POR/WDT/LVR/PIN
POR/WDT/LVR/PIN
POR/WDT/LVR/PIN))))
-
-
-
-
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
3-0
3-0
3-0
3-0
IB_CON4[3:0]
IB_CON4[3:0]
IB_CON4[3:0]
IB_CON4[3:0]
Must be 09H, else Flash Programming will terminate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com