Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 13 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 13 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 9Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 10Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 11Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 12Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 13Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 14Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 15Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 16Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 17Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
13
7.
7.
7.
7. Normal
Normal
Normal
Normal Function
Function
Function
Function
7.1
7.1
7.1
7.1 CPU
CPU
CPU
CPU
7.1.1
7.1.1
7.1.1
7.1.1 C
C
C
CPU
PU
PU
PU Core
Core
Core
Core SFR
SFR
SFR
SFR
Feature
Feature
Feature
Feature
�
CPU core registers: ACC, B, PSW, SP, DPL, DPH
Accumulator
Accumulator
Accumulator
Accumulator
ACC is the Accumulator register. The mnemonics for accumulator-specific instructions, however, refer to the Accumulator
simply as A.
B
B
B
B Register
Register
Register
Register
The B register is used during multiply and divide operations. For other instructions it can be treated as another scratch pad
register.
Stack
Stack
Stack
Stack Pointer
Pointer
Pointer
Pointer (SP)
(SP)
(SP)
(SP)
The Stack Pointer Register is 8 bits wide, It is incremented before data is stored during PUSH,CALL executions and it is
decremented after data is out of stack during POP, RET, RETI executions. The stack may reside anywhere in on-chip
internal RAM (00H-FFH). On reset, the Stack Pointer is initialized to 07H causing the stack to begin at location 08H.
Program
Program
Program
Program Status
Status
Status
Status Word
Word
Word
Word Register
Register
Register
Register (PSW)
(PSW)
(PSW)
(PSW)
The PSW register contains program status information.
Table
Table
Table
Table 7
7
7
7....1
1
1
1 PSW Register
Data
Data
Data
Data Pointer
Pointer
Pointer
Pointer Register
Register
Register
Register ((((DPTR
DPTR
DPTR
DPTR))))
DPTR consists of a high byte (DPH) and a low byte (DPL). Its intended function is to hold a 16-bit address, but it may be
manipulated as a 16-bit register or as two independent 8-bit registers.
D0H
D0H
D0H
D0H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
PSW
PSW
PSW
PSW
C
AC
F0
RS1
RS0
OV
F1
P
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7
7
7
7
C
C
C
C
Carry
Carry
Carry
Carry flag
flag
flag
flag b
b
b
bit
it
it
it
0: no carry or borrow in an arithmetic or logic operation
1: a carry or borrow in an arithmetic or logic operation
6
6
6
6
AC
AC
AC
AC
Auxiliary
Auxiliary
Auxiliary
Auxiliary Carry
Carry
Carry
Carry flag
flag
flag
flag b
b
b
bit
it
it
it
0: an auxiliary carry or borrow in an arithmetic or logic operation
1: an auxiliary carry or borrow in an arithmetic or logic operation
5
5
5
5
F0
F0
F0
F0
F0
F0
F0
F0 flag
flag
flag
flag bit
bit
bit
bit
Available to the user for general purposes
4-3
4-3
4-3
4-3
RS[1:0]
RS[1:0]
RS[1:0]
RS[1:0]
R0-R7
R0-R7
R0-R7
R0-R7 Register
Register
Register
Register bank
bank
bank
bank select
select
select
select bits
bits
bits
bits
00: Bank 0 (Address to 00H-07H)
01: Bank 1 (Address to 08H-0FH)
10: Bank 2 (Address to 10H-17H)
11: Bank 3 (Address to 18H-1FH)
2
2
2
2
OV
OV
OV
OV
Overflow
Overflow
Overflow
Overflow flag
flag
flag
flag bit
bit
bit
bit
0: no overflow happen
1: an overflow happen
1
1
1
1
F
F
F
F1
1
1
1
F
F
F
F1
1
1
1 flag
flag
flag
flag bit
bit
bit
bit
Available to the user for general purposes
0
0
0
0
P
P
P
P
Parity
Parity
Parity
Parity flag
flag
flag
flag bit
bit
bit
bit
0: an even number of ``one'' bits in the Accumulator
1: an odd number of ``one'' bits in the Accumulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com