Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 28 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 28 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 32Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
28
P
P
P
PORT
ORT
ORT
ORT1
1
1
1::::
- OPN (P1.0): OP negative input
- OPP (P1.1): OP, CMP positive input
- TDO, TMS, TDI, TCK (P1.2 - P1.5): JTAG port
- INT0, INT1 (P1.2, P1.3): external interrupt 0, 1
- BUZ (P1.4): BUZZER output
- RST (P1.5): PIN reset
Table
Table
Table
Table 7
7
7
7....18
18
18
18 Port 1 Share Table
Pin
Pin
Pin
Pin No.
No.
No.
No.
Priority
Priority
Priority
Priority
Function
Function
Function
Function
Enable
Enable
Enable
Enable bit
bit
bit
bit
1
1
OPN
Set AMPEN
AMPEN
AMPEN
AMPEN bit in CURSAMP
CURSAMP
CURSAMP
CURSAMP Register
2
P1.0
Clear AMPEN
AMPEN
AMPEN
AMPEN bit in CURSAMP
CURSAMP
CURSAMP
CURSAMP Register
2
1
OPP
Set AMPEN
AMPEN
AMPEN
AMPEN bit in CURSAMP
CURSAMP
CURSAMP
CURSAMP Register, or Set CMPEN
CMPEN
CMPEN
CMPEN bit in CURSAMP
CURSAMP
CURSAMP
CURSAMP Register
2
P1.1
Clear AMPEN
AMPEN
AMPEN
AMPEN bit in CURSAMP
CURSAMP
CURSAMP
CURSAMP Register,
and clear CMPEN
CMPEN
CMPEN
CMPEN bit in CURSAMP
CURSAMP
CURSAMP
CURSAMP Register
3
1
TDO
into JTAG mode
2
INT0
not in JTAG mode, Set EX0
EX0
EX0
EX0 bit in IEN0
IEN0
IEN0
IEN0 Register, and P1.2 as input mode
3
P1.2
not in JTAG mode, always as IO mode
4
1
TMS
into JTAG mode
2
INT1
not in JTAG mode, Set EX1
EX1
EX1
EX1 bit in IEN0
IEN0
IEN0
IEN0 Register, and P1.3 as input mode
3
P1.3
not in JTAG mode, always as IO mode
5
1
TDI
into JTAG mode
2
BUZ
not in JTAG mode, Set BZEN
BZEN
BZEN
BZEN bit in BUZCON
BUZCON
BUZCON
BUZCON Register
3
P1.4
not in JTAG mode, clear BZEN
BZEN
BZEN
BZEN bit in BUZCON
BUZCON
BUZCON
BUZCON Register
6
1
TCK
into JTAG mode
2
RST
not in JTAG mode, set code option OP_RST
OP_RST
OP_RST
OP_RST as reset pin
3
P1.5
not in JTAG mode, set code option OP_RST
OP_RST
OP_RST
OP_RST as IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com