Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 67 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 67 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 71Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
67
8.3.3
8.3.3
8.3.3
8.3.3 ADC
ADC
ADC
ADC Register
Register
Register
Register
Table
Table
Table
Table 8
8
8
8....2
2
2
20
0
0
0 ADC Control Register
Note:
Note:
Note:
Note:
When select the reference voltage input from VREF pin (REFC = 1), the P0.5 is shared as VREF input rather than AN3 input.
Adc sample data from OP out directly, if set SCH as 111.
Table
Table
Table
Table 8
8
8
8....2
2
2
21
1
1
1 ADC Channel Configure Register
93H
93H
93H
93H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
ADCON
ADCON
ADCON
ADCON
ADON
ADCIF
EC
REFC
SCH2
SCH1
SCH0
GO/DONE
—---—-----—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7
7
7
7
AD
AD
AD
ADC
C
C
CON
ON
ON
ON
ADC
ADC
ADC
ADC Enable
Enable
Enable
Enable bit
bit
bit
bit
0: Disable the ADC module
1: Enable the ADC module
6
6
6
6
ADCIF
ADCIF
ADCIF
ADCIF
ADC
ADC
ADC
ADC Interrupt
Interrupt
Interrupt
Interrupt Flag
Flag
Flag
Flag bit
bit
bit
bit
0: No ADC interrupt, cleared by software.
1: Set by hardware to indicate that the AD Convert has been completed,
or analog input is larger than ADDH/ADDL if compare is enabled
5
5
5
5
EC
EC
EC
EC
Compare
Compare
Compare
Compare Function
Function
Function
Function Enable
Enable
Enable
Enable bit
bit
bit
bit
0: Compare function disabled
1: Compare function enabled
4
4
4
4
REFC
REFC
REFC
REFC
Reference
Reference
Reference
Reference Voltage
Voltage
Voltage
Voltage Select
Select
Select
Select bit
bit
bit
bit
0: the reference voltage connected to VDD
1: the reference voltage input from VREF pin
3-1
3-1
3-1
3-1
SCH[2:0]
SCH[2:0]
SCH[2:0]
SCH[2:0]
ADC
ADC
ADC
ADC channel
channel
channel
channel Select
Select
Select
Select bits
bits
bits
bits
000: ADC channel AN0
001: ADC channel AN1
010: ADC channel AN2
011: ADC channel AN3
100: ADC channel AN4
111: OPOUT out put
Others: invalid
0
0
0
0
GO/
GO/
GO/
GO/DONE
DONE
DONE
DONE
—
—
—
—---
---
---
---—
—
—
—------
------
------
------—
—
—
—
ADC
ADC
ADC
ADC status
status
status
status flag
flag
flag
flag bit
bit
bit
bit
0: Automatically cleared by hardware when AD convert is completed. Clearing
this bit during converting time will stop current conversion. If Compare
function is enabled, this bit will not be cleared by hardware until software
clear.
1: Set to start AD convert or digital compare.
9
9
9
95
5
5
5H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
ADC
ADC
ADC
ADCH
H
H
H
-
-
-
CH4
CH3
CH2
CH1
CH0
R/W
R/W
R/W
R/W
-
-
-
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
-
-
-
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
4
4
4
4-0
-0
-0
-0
CH[
CH[
CH[
CH[4
4
4
4:0]
:0]
:0]
:0]
Channel
Channel
Channel
Channel Configuration
Configuration
Configuration
Configuration bits
bits
bits
bits
0: P0.2-P0.6 is I/O port
1: P0.2-P0.6 is ADC input port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com