Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 31 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 31 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 35Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
31
Mode
Mode
Mode
Mode 1:
1:
1:
1: 16-bit
16-bit
16-bit
16-bit Counter/Timer
Counter/Timer
Counter/Timer
Counter/Timer
Mode 1 operation is the same as Mode 0, except that the counter/timer registers use all 16 bits. The counter/timers are
enabled and configured in Mode 1 in the same manner as for Mode 0.
TLx
(8bits)
THx
(8bits)
TFx
Overflow
GATEx
TRx
C/Tx
=0
=1
0:Switch Off
1:Switch On
Tx
The Block Diagram of mode1 of Timerx ( x=0,1 )
The Block Diagram of mode1 of Timerx ( x=0,1 )
The Block Diagram of mode1 of Timerx ( x=0,1 )
The Block Diagram of mode1 of Timerx ( x=0,1 )
Interrupt
Request
Overflow
Flag
+
&
System Clock
C/Tx=0 and TCx=1
Tx
INTx
Note:
Note:
Note:
Note: Tx (x = 0), timer1 without T1 pin.
Mode
Mode
Mode
Mode 2:
2:
2:
2: 8-bit
8-bit
8-bit
8-bit Counter/Timer
Counter/Timer
Counter/Timer
Counter/Timer with
with
with
with Auto-Reload
Auto-Reload
Auto-Reload
Auto-Reload
Mode 2 configures Timer 0 and Timer 1 to operate as 8-bit counter/timers with automatic reload of the start value. TLx holds
the count and THx holds the reload value. When the counter in TLx overflows from 0xFF to THx, the timer overflow flag TFx
is set and the counter in TLx is reloaded from THx. If Timer 0 interrupts are enabled, an interrupt will occur when the TFx flag
is set. The reload value in TH0 is not changed. TLx 0 must be initialized to the desired value before enabling the timer for the
first count to be correct.
Except the Auto-Reload function, both counter/timers are enabled and configured in Mode 2 is the same as in Mode 0 & Mode
1.
When as Timer, the T0 pin can automatically toggle upon Timer0 overflow by configuring TC0 in TCON1 Register. The T0
pin is automatically set as output by hardware when TC0 is set. Timer1 do not have T1 pin.
TFx
Interrupt
Request
+
&
TRx
C/Tx
=0
=1
Tx
The Block Diagram of mode2 of Timerx (x=0,1)
The Block Diagram of mode2 of Timerx (x=0,1)
The Block Diagram of mode2 of Timerx (x=0,1)
The Block Diagram of mode2 of Timerx (x=0,1)
TL0
(8bits)
TH0
(8bits)
Reload
Sysem Clock
Overflow
Flag
overflow
0:Switch Off
1:Switch On
GATEx
C/Tx=0 and TCx=1
Tx
INTx
Note:
Note:
Note:
Note: Tx (x = 0), timer1 without T1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com