Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 87 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 87 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 90Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 91Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
87
AC
AC
AC
AC Electrical
Electrical
Electrical
Electrical Characteristics
Characteristics
Characteristics
Characteristics (VDD = 3.3V - 5.5V, GND = 0V, TA = 25°C, fOSC = 16.6MHz, unless otherwise specified)
Low
Low
Low
Low Voltage
Voltage
Voltage
Voltage Reset
Reset
Reset
Reset Electrical
Electrical
Electrical
Electrical Characteristics
Characteristics
Characteristics
Characteristics (TA = +25°C, unless otherwise specified)
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Condition
Condition
Condition
Condition
RESET pulse width
t
RESET
10
-
-
µs
Low active
RESET pin Pull-high Resistor
R
RPH
-
30
-
kΩ
VDD = 5.0V, V
IN = GND
Frequency Stability (RC)
|
F|/F
∆
-
-
±2
%
RC Oscillator Resolution: (the average of
1024 peride)
|FRC - 16.60MHz|/16.60MHz X 100%
(VDD = 3.3 - 5.5V, TA = 25°C)
|
F|/F
∆
-
-
±3
%
RC Oscillator Resolution: (the average of
1024 peride)
|FRC - 16.60MHz|/16.60MHz X 100%
(VDD = 3.3 - 5.5V, TA = -40°C - +85°C)
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Condition
Condition
Condition
Condition
LVR Voltage1
VLVR1
4.2
4.3
4.4
V
LVR1 enabled
LVR Voltage2
VLVR2
3.3
3.4
3.5
V
LVR2 enabled
Drop-Down Pulse Width
for LVR
TLVR
-
30
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com