Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 27 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 27 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 31Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
27
7.6.
7.6.
7.6.
7.6.4
4
4
4 Port
Port
Port
Port Share
Share
Share
Share
The 22 bi-directional I/O ports can also share second or third special function. But the share priority should obey the Outer
Outer
Outer
Outer
Most
Most
Most
Most Inner
Inner
Inner
Inner Lest
Lest
Lest
Lest rule:
The out most pin function in Pin
Pin
Pin
Pin Configuration
Configuration
Configuration
Configuration has the highest priority, and the inner most pin function has the lowest
priority. This means when one pin is occupied by a higher priority function (if enabled), it cannot be used as the lower priority
functional pin , even the lower priority function is also enabled. Only until the higher priority function is closed by hardware or
software, can the corresponding pin be released for the lower priority function use. Also the function that need pull up resister
is also controlled by the same rule.
When port share function is enabled, the user can modify PxCR, PxPCR (x = 0-3), but these operations will have no effect on
the port status until the second function was disabled.
When port share function is enabled, any read or write operation to port will only affect the data register while the port pin
keeps unchanged until all the share functions are disabled.
PORT0
PORT0
PORT0
PORT0::::
- OPOUT (P0.0): OP output
- CMP (P0.1): CMP negative input
- AN0-AN4 (P0.2 - P0.6): ADC input channel
- VREF (P0.5): ADC reference voltage input
Table
Table
Table
Table 7
7
7
7....17
17
17
17 Port 0 Share Table
Pin
Pin
Pin
Pin No.
No.
No.
No.
Priority
Priority
Priority
Priority
Function
Function
Function
Function
Enable
Enable
Enable
Enable bit
bit
bit
bit
24
1
OPOUT
Set AMPEN
AMPEN
AMPEN
AMPEN bit in CURSAMP
CURSAMP
CURSAMP
CURSAMP Register
2
P0.0
Clear AMPEN
AMPEN
AMPEN
AMPEN bit in CURSAMP
CURSAMP
CURSAMP
CURSAMP Register
23
1
CMP
Set CMPEN
CMPEN
CMPEN
CMPEN bit in CURSAMP
CURSAMP
CURSAMP
CURSAMP Register
2
P0.1
Clear CMPEN
CMPEN
CMPEN
CMPEN bit in CURSAMP
CURSAMP
CURSAMP
CURSAMP Register
20-22
18
1
AN0-AN2
AN4
Set CH0
CH0
CH0
CH0,,,, CH1
CH1
CH1
CH1,,,, CH2
CH2
CH2
CH2,,,, CH4
CH4
CH4
CH4 bit in ADCH
ADCH
ADCH
ADCH Register
2
P0.2-P0.4
P0.6
Clear CH0
CH0
CH0
CH0,,,, CH1
CH1
CH1
CH1,,,, CH2
CH2
CH2
CH2,,,, CH4
CH4
CH4
CH4 bit in ADCH
ADCH
ADCH
ADCH Register
19
1
VREF
Set REFC
REFC
REFC
REFC bit in ADCON
ADCON
ADCON
ADCON Register
2
AN3
Clear REFC
REFC
REFC
REFC bit in ADCON
ADCON
ADCON
ADCON Register, set CH3
CH3
CH3
CH3 bit in ADCH
ADCH
ADCH
ADCH Register
3
P0.5
Clear REFC
REFC
REFC
REFC bit in ADCON
ADCON
ADCON
ADCON Register, clear CH3
CH3
CH3
CH3 bit in ADCH
ADCH
ADCH
ADCH Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com