Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 22 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 22 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 18Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 19Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 26Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
22
7.4.3
7.4.3
7.4.3
7.4.3 SSP
SSP
SSP
SSP Programming
Programming
Programming
Programming Notice
Notice
Notice
Notice
To successfully complete SSP programming, the user’s software must following the steps below:
(1)
(1)
(1)
(1) For
For
For
For Code/Data
Code/Data
Code/Data
Code/Data programming:
programming:
programming:
programming:
1. Disable interrupt;
2. Fill in the XPAGE, IB_OFFSET for the corresponding address;
3. Fill in IB_DATA if programming is wanted;
4. Fill in IB_CON1-5 sequentially;
5. Add 4 nops for more stable operation;
6. Code/Data programming, CPU will be in IDLE mode;
7. Go to Step 2 if more data are to be programmed;
8. Clear XPAGE; enable interrupt if necessary.
(2)
(2)
(2)
(2) For
For
For
For S
S
S
Sector
ector
ector
ector E
E
E
Erase:
rase:
rase:
rase:
1. Disable interrupt;
2. Fill in the XPAGE for the corresponding sector;
3. Fill in IB_CON1-5 sequentially;
4. Add 4 NOPs for more stable operation;
5. Sector Erase, CPU will be in IDLE mode;
6. Go to step 2 if more sectors are to be erased;
7. Clear XPAGE; enable interrupt if necessary.
(3)
(3)
(3)
(3) For
For
For
For Code
Code
Code
Code Reading:
Reading:
Reading:
Reading:
Just Use “MOVC A, @A+DPTR” or “MOVC A, @A+PC”.
7.4.4
7.4.4
7.4.4
7.4.4 8bits
8bits
8bits
8bits Read
Read
Read
Read only
only
only
only Random
Random
Random
Random Code
Code
Code
Code
SH79F082 has an unchanged 8bit random code, witch is a random data from 0 to 255. It can not be erased, but can be read
by program or programmer.
Table
Table
Table
Table 7
7
7
7....12
12
12
12 Flash Access Control Register
When read random code, first, set FAC as 1, make DPTR equal “007FH” and clear A, then read it by the instruction of
“MOVC A, @A+DPTR”.
Note:
Note:
Note:
Note: random code is not at program ROM. Instruction access random code or program ROM is judge by the bit of FAC. So
after read ramdom code make sure FAC equal 0, otherwise the program read error code.
A7
A7
A7
A7H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
FLASHCON
FLASHCON
FLASHCON
FLASHCON
-
-
-
-
-
-
-
FAC
R/W
R/W
R/W
R/W
-
-
-
-
-
-
-
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR/PIN
POR/WDT/LVR/PIN
POR/WDT/LVR/PIN
POR/WDT/LVR/PIN))))
-
-
-
-
-
-
-
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
0
0
0
0
FAC
FAC
FAC
FAC
FAC:
FAC:
FAC:
FAC: Flash
Flash
Flash
Flash access
access
access
access control
control
control
control
0: access main memory
1: access random code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com